Nombre de pieza
         Descripción
NLAST9431

 Low Voltage Single Supply Dual DPDT Analog Switch ( 11 Page)


ONSEMI
100% 
Zoom Out Zoom In
 6 page
background image
NLAST9431
http://onsemi.com
6
Figure 4. tBBM (Time Break−Before−Make)
Output
DUT
300
W
35 pF
VCC
Switch Select Pin
90%
Output
Input
VCC
GND
90% of VOH
GND
Figure 5. tON/tOFF
50%
50%
90%
90%
tON
tOFF
VOH
Output
Input
VCC
0 V
Figure 6. tON/tOFF
DUT
Open
35 pF
VCC
Input
50%
50%
10%
tON
tOFF
Output
Input
VCC
0 V
10%
300
W
0.1
mF
tBMM
Output
VOUT
VOL
VOUT
VOH
VOL
DUT
Open
VCC
Input
Output
300
W
35 pF
VOUT
0.1
mF
1  2  3  4  5  6  7  8  9  10  11 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
NLAS9431Low Voltage Single Supply Dual DPDT Analog Switch 1 2 3 4 5 MoreON Semiconductor
FXL2TD245Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent 1 2 3 4 5 MoreFairchild Semiconductor
PI3A46263.0V SOTiny Single-Supply 0.4ohm SPST NO CMOS Analog Switch 1 2 3 4 5 MorePericom Semiconductor Corporation
AD8153Single Buffered Switch 3.2 Gbps 1 2 3 4 5 MoreAnalog Devices
CY7C4282V64K/128Kx9 Low Voltage Deep Sync FIFOs w/ Retransmit & Depth Expansion 1 2 3 4 5 MoreCypress Semiconductor
ZXTDCM832MPPS Miniature Package Power Solutions DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR 1 2 3 4 5 MoreZetex Semiconductors
WS628128VERY LOW POWER / VOLTAGE COMS SRAM 128K X 8 BIT 1 2 3 4 5 MoreWing Shing Computer Components
DS14C239Dual Supply TIA/EIA-232 3 x 5 Driver/Receiver 1 2 3 4 5 MoreNational Semiconductor
ISTS150TRANSMISSIVE OPTO-ELECTRONIC DUAL CHANNEL SLOTTED INTERRUPTER SWITCHES WITH TRANSISTOR SENSORS 1 2 3 List of Unclassifed Manufacturers
LP3855-ADJ1.5A Fast Response Ultra Low Dropout Linear Regulators 1 2 3 4 5 MoreNational Semiconductor

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl