Nombre de pieza
         Descripción
ADCMP341

 Dual Comparators with 400mV Reference and programmable Hysteresis ( 13 Page)


AD
100% 
Zoom Out Zoom In
 6 page
background image
ADCMP341/ADCMP343
Preliminary Technical Data
Rev. PrD | Page 6 of 13
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Distribution of Rising Input Threshold Voltage
Figure 4. ???
Figure 5.Rising Input Threshold Voltage vs Temperature
Figure 6. Distribution of Falling Input Threshold Voltage
Figure 7. Rising Input Threshold Voltage vs Temperature
Figure 8.Rising Input Threshold Voltage vs Supply Voltage
1  2  3  4  5  6  7  8  9  10  11  12  13 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
FXL2TD245Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent 1 2 3 4 5 MoreFairchild Semiconductor
SI7842DPDual N-Channel 30-V D-S MOSFET with Schottky Diode 1 2 3 4 5 Vishay Siliconix
NX25F011B1M-BIT 2M-BIT AND 4M-BIT SERIAL FLASH MEMORIES WITH 4-PIN SPI INTERFACE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
M306V5ME-XXXSPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ADN2804622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier 1 2 3 4 5 MoreAnalog Devices
IDT821034QUAD PCM CODEC WITH PROGRAMMABLE GAIN 1 2 3 4 5 MoreIntegrated Device Technology
54F191Up/Down Binary Counter with Preset and Ripple Clock 1 2 3 4 5 MoreNational Semiconductor
SN74SSTU32864C25-BIT CONFIGURABLE REGISTERED BUFFER WITH SSTL 18 INPUTS AND OUTPUTS 1 2 3 4 5 MoreTexas Instruments
ATR08414-channel Laser Driver with 2 Outputs 3 LVDS Inputs and Internal Termination 1 2 3 4 5 MoreATMEL Corporation
TC7MA157FKLow Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs 1 2 3 4 5 MoreToshiba Semiconductor