Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS51024A Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza CS51024A
Descripción Electrónicos  Enhanced Current Mode PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51024A Datasheet(HTML) 2 Page - ON Semiconductor

  CS51024A Datasheet HTML 1Page - ON Semiconductor CS51024A Datasheet HTML 2Page - ON Semiconductor CS51024A Datasheet HTML 3Page - ON Semiconductor CS51024A Datasheet HTML 4Page - ON Semiconductor CS51024A Datasheet HTML 5Page - ON Semiconductor CS51024A Datasheet HTML 6Page - ON Semiconductor CS51024A Datasheet HTML 7Page - ON Semiconductor CS51024A Datasheet HTML 8Page - ON Semiconductor CS51024A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CS51021A, CS51022A, CS51023A, CS51024A
http://onsemi.com
2
VC
VREF
COMP
VFB
RTCT
SYNC/
CSS
VCC
UV
OV
ISET
SLOPE
GATE
ISENSE
PGND
LGND
SLEEP
22 k
4700 pF
51 k
10 k
0.01
mF
24.3 k,
1.0%
200 k,
1.0%
2.49 k,
1.0%
BA521
IRF6345
6.98 k,
1.0%
6.98 k,
1.0%
470 pF
100 p
100
10 k
62
680 pF
100
mF 100 mF
VOUT
SGND
(5 V/5 A)
10
FZT688
SYNC/SLEEP
22
mF
18 V
BAS21
51 k
11 V
(36 V to 72 V)
PGND
0.01
mF
1.0
mF
100
100:1
4:1
2:5
10
VIN
MOC81025
TL431
1000 pF
5.1 k
0.1
mF
2.0 k, 1.0%
2.0 k,
1.0%
1.0 k
180
1.0 K
10 K
330 pF
Figure 1. Typical Application Diagram, 36−72 V to 5.0 V, 5.0 A DC−DC Converter
MAXIMUM RATINGS*
Rating
Value
Unit
Power Supply Voltage, VCC
−0.3, 20
V
Driver Supply Voltage, VC
−0.3, 20
V
SYNC, SLEEP, RTCT, SOFT−START, VFB, SLOPE, ISENSE, UV, OV, ISET (Logic Pins)
0.25 to VREF
V
Peak GATE Output Current
1.0
A
Steady State Output Current
±0.2
A
Operating Junction Temperature, TJ
150
°C
Storage Temperature Range, TS
−65 to +150
°C
ESD (Human Body Model)
2.0
kV
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1)
230 peak
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
*The maximum package power dissipation must be observed.
1. 60 second maximum above 183
°C.


Número de pieza similar - CS51024A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cherry Semiconductor Co...
CS51024 CHERRY-CS51024 Datasheet
170Kb / 9P
   Enhanced Current Mode PWM Controller
CS51024ED16 CHERRY-CS51024ED16 Datasheet
170Kb / 9P
   Enhanced Current Mode PWM Controller
CS51024EDR16 CHERRY-CS51024EDR16 Datasheet
170Kb / 9P
   Enhanced Current Mode PWM Controller
More results

Descripción similar - CS51024A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cherry Semiconductor Co...
CS51021 CHERRY-CS51021 Datasheet
170Kb / 9P
   Enhanced Current Mode PWM Controller
logo
ON Semiconductor
CS51221 ONSEMI-CS51221 Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
CS51221 ONSEMI-CS51221_09 Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
NCP1294 ONSEMI-NCP1294 Datasheet
229Kb / 13P
   Enhanced Voltage Mode PWM Controller
July, 2009 ??Rev. 0
CS51221 ONSEMI-CS51221 Datasheet
173Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
logo
Cherry Semiconductor Co...
CS51221 CHERRY-CS51221 Datasheet
164Kb / 12P
   Enhanced Voltage Mode PWM Controller
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com