Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM202EARU Datasheet(PDF) 10 Page - Analog Devices

No. de pieza ADM202EARU
Descripción Electrónicos  EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM202EARU Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM202EARU Datasheet HTML 6Page - Analog Devices ADM202EARU Datasheet HTML 7Page - Analog Devices ADM202EARU Datasheet HTML 8Page - Analog Devices ADM202EARU Datasheet HTML 9Page - Analog Devices ADM202EARU Datasheet HTML 10Page - Analog Devices ADM202EARU Datasheet HTML 11Page - Analog Devices ADM202EARU Datasheet HTML 12Page - Analog Devices ADM202EARU Datasheet HTML 13Page - Analog Devices ADM202EARU Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADM202E/ADM1181A
Rev. C | Page 10 of 16
ESD TESTING (IEC1000-4-2)
IEC1000-4-2 (previously 801-2) specifies compliance testing
using two coupling methods, contact discharge and air-gap
discharge. Contact discharge calls for a direct connection to the
unit being tested. Air-gap discharge uses a higher test voltage,
but does not make direct contact with the unit being tested.
With air-gap discharge, the discharge gun is moved toward the
unit being tested, developing an arc across the air gap. This
method is influenced by humidity, temperature, barometric
pressure, distance, and rate of closure of the discharge gun.
Although less realistic, the contact-discharge method is more
repeatable and is gaining preference to the air-gap method.
Although very little energy is contained within an ESD pulse,
the extremely fast rise time coupled with high voltages can
cause failures in unprotected semiconductors. Catastrophic
destruction can occur immediately as a result of arcing or
heating. Even if catastrophic failure does not occur immediately,
the device might suffer from parametric degradation, which can
result in degraded performance. The cumulative effects of
continuous exposure can eventually lead to complete failure.
I/O lines are particularly vulnerable to ESD damage. Simply
touching or plugging in an I/O cable can result in a static
discharge, which can damage or completely destroy the
interface product connected to the I/O port. Traditional ESD
test methods, such as the MIL-STD-883B method 3015.7, do
not fully test a product’s susceptibility to this type of discharge.
This test was intended to test a product’s susceptibility to ESD
damage during handling. Each pin is tested with respect to all
other pins. There are some important differences between the
traditional test and the IEC test:
The IEC test is much more stringent in terms of discharge
energy. The injected peak current is over four times greater.
The current rise time is significantly faster in the IEC test.
The IEC test is carried out while power is applied to
the device.
It is possible that the ESD discharge could induce latch-up in the
device being tested. Therefore, this test is more representative of a
real-world I/O discharge where the equipment is operating
normally with power applied. For peace of mind, however, both
tests should be performed to ensure maximum protection
during both handling and field service.
R1
R2
C1
DEVICE
UNDER TEST
HIGH
VOLTAGE
GENERATOR
ESD TEST METHOD
R2
C1
H. BODY MIL-STD883B
1.5k
100pF
IEC1000-4-2
330
150pF
Figure 18. ESD Test Standards
100
90
36.8
10
tDL
tRL
TIME t
Figure 19. Human Body Model ESD Current Waveform
100
90
10
TIME t
30ns
60ns
0.1 TO 1ns
Figure 20. IEC1000-4-2 ESD Current Waveform
The ADM202E/ADM1181E products are tested using both of
the previously mentioned test methods. Pins are tested with
respect to all other pins as per the MIL-STD-883B specification.
In addition, I/O pins are tested as per the IEC test specification.
The products were tested under the following conditions:
• Power-On
• Power-Off
There are four levels of compliance defined by IEC1000-4-2. The
ADM202E/ADM1181A products meet the most stringent level
of compliance both for contact and for air-gap discharge. This
means that the products are able to withstand contact discharges
in excess of 8 kV and air-gap discharges in excess of 15 kV.


Número de pieza similar - ADM202EARU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM202EARU AD-ADM202EARU Datasheet
163Kb / 12P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. 0
ADM202EARU AD-ADM202EARU Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM202EARU-REEL AD-ADM202EARU-REEL Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM202EARU-REEL7 AD-ADM202EARU-REEL7 Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM202EARUZ AD-ADM202EARUZ Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
More results

Descripción similar - ADM202EARU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM202E AD-ADM202E Datasheet
163Kb / 12P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. 0
ADM202E AD-ADM202E_V01 Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM206E AD-ADM206E Datasheet
204Kb / 16P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. B
ADM213EARZ-REEL AD-ADM213EARZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM206E AD-ADM206E_06 Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ-REEL AD-ADM213EARSZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ AD-ADM213EARSZ Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM2209E AD-ADM2209E Datasheet
142Kb / 12P
   EMI-/EMC-Compliant -15 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
ADM2209EARUZ AD-ADM2209EARUZ Datasheet
146Kb / 12P
   EMI-/EMC-Compliant 615 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com