Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM3491ARZ Datasheet(PDF) 9 Page - Analog Devices

No. de pieza ADM3491ARZ
Descripción Electrónicos  3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM3491ARZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM3491ARZ Datasheet HTML 5Page - Analog Devices ADM3491ARZ Datasheet HTML 6Page - Analog Devices ADM3491ARZ Datasheet HTML 7Page - Analog Devices ADM3491ARZ Datasheet HTML 8Page - Analog Devices ADM3491ARZ Datasheet HTML 9Page - Analog Devices ADM3491ARZ Datasheet HTML 10Page - Analog Devices ADM3491ARZ Datasheet HTML 11Page - Analog Devices ADM3491ARZ Datasheet HTML 12Page - Analog Devices ADM3491ARZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADM3483/ADM3485/ADM3488/ADM3490/ADM3491
Rev. B | Page 9 of 20
TEST CIRCUITS
RL/2
RL/2
VOC
A/Y
B/Z
VOD
Figure 7. Differential Output Voltage
and Common-Mode Voltage Drivers
VCM =
–7V TO +12V
VCC
RL
375Ω
375Ω
VOD
D
Figure 8. Differential Output Voltage Drivers
with Varying Common-Mode Voltage
IOH
(–)
IOL
(+)
VOH
VOL
R
0
VID
Figure 9. CMOS Output Voltage High and
CMOS Output Voltage Low Receivers
D
GENERATOR1
VCC
50Ω
CL
RL =
60Ω
CL =15pF2
OUT
1PPR = 250kHz, 50% DUTY CYCLE,
tR ≤ 6.0ns, ZO =50Ω.
2CL INCLUDES PROBE AND STRAY CAPACITANCE.
Figure 10. Driver Differential Output Delay and Transition Times
D
VOM
RL =27Ω
OUT
CL =15pF2
GENERATOR1
VCC
50Ω
S1
VOM =
VOH +VOL
2
≈ 1.5V
1PPR = 250kHz, 50% DUTY CYCLE,
tR ≤ 6.0ns, ZO =50Ω.
2CL INCLUDES PROBE AND STRAY CAPACITANCE.
Figure 11. Driver Propagation Delays
D
OUT
CL = 50pF2
GENERATOR1
50Ω
S1
VOM =
VOH +VOL
2
≈ 1.5V
RL = 110Ω
0V OR 3V
1PPR = 250kHz, 50% DUTY CYCLE,
tR ≤ 6.0ns, ZO =50Ω.
2CL INCLUDES PROBE AND STRAY CAPACITANCE.
Figure 12. Driver Enable and Disable Times (tPZH, tPSH, tPHZ)


Número de pieza similar - ADM3491ARZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM3491ARZ AD-ADM3491ARZ Datasheet
327Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3491ARZ-REEL AD-ADM3491ARZ-REEL Datasheet
327Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3491ARZ-REEL7 AD-ADM3491ARZ-REEL7 Datasheet
327Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
More results

Descripción similar - ADM3491ARZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM3483 AD-ADM3483_11 Datasheet
328Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3491ARUZ AD-ADM3491ARUZ Datasheet
328Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3483 AD-ADM3483_V01 Datasheet
327Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM4855 AD-ADM4855_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
ADM4850 AD-ADM4850 Datasheet
342Kb / 16P
   5 V, Slew Rate Limited, Half-Duplex and Full Duplex RS-485/RS-422 Transceivers
Rev. F
ADM4851 AD-ADM4851_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
ADM4856 AD-ADM4856_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_12 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4853 AD-ADM4853_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com