Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CX1206MKNP06BB5 Datasheet(PDF) 8 Page - Continental Device India Limited

No. de pieza CX1206MKNP06BB5
Descripción Electrónicos  SURFACE-MOUNT CERAMICEMI FILTER CAPACITORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CDIL [Continental Device India Limited]
Página de inicio  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CX1206MKNP06BB5 Datasheet(HTML) 8 Page - Continental Device India Limited

Back Button CX1206MKNP06BB5 Datasheet HTML 4Page - Continental Device India Limited CX1206MKNP06BB5 Datasheet HTML 5Page - Continental Device India Limited CX1206MKNP06BB5 Datasheet HTML 6Page - Continental Device India Limited CX1206MKNP06BB5 Datasheet HTML 7Page - Continental Device India Limited CX1206MKNP06BB5 Datasheet HTML 8Page - Continental Device India Limited CX1206MKNP06BB5 Datasheet HTML 9Page - Continental Device India Limited CX1206MKNP06BB5 Datasheet HTML 10Page - Continental Device India Limited CX1206MKNP06BB5 Datasheet HTML 11Page - Continental Device India Limited CX1206MKNP06BB5 Datasheet HTML 12Page - Continental Device India Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Phycomp
Product specification
Surface-mount ceramic
EMI filter capacitors
X2Y® Series
2006 Nov.21 V.11
8
www.yageo.com
SELECTION CHART FOR X7R SIZES 1210, 1410 (1)
Y-CAPACITOR
X-CAPACITOR
SIZE
CAP.
(nF)
VOLTAGE
RATING
(V)
CAP.
(nF)
VOLTAGE
RATING
(V)
THICKNESS
(mm)
CTC ORDERING CODE
(2) (3)
47
100
24
200
1.20
CX 1210 MK X7R 0BB 473
100
50 / 63
50
100
1.20
CX 1210 MK X7R 9BB 104
220
50 / 63
110
1210
100
1.60
CX 1210 MK X7R 9BB 224
470
25
235
50
1.60
CX 1210 MK X7R 8BB 474
560
25
280
50
1.90
CX 1210 MK X7R 8BB 564
820
16
410
32
1.60
CX 1210 MK X7R 7BB 824
1,000
16
500
32
1.60
CX 1210 MK X7R 7BB 105
1410
390
50
195
100
1.30
CX 1410 MK X7R 9BB 394
Notes
1. Other values available on request.
2. Ordering codes for preferred versions (
±20% tolerance, 180 mm reel). For other packing and tolerance see
section “Ordering Code Information”.
3. For 12NC ordering codes see Table 2.
Thickness classification and packing quantities for X7R
QUANTITY PER REEL
8 mm TAPE WIDTH
∅180 mm; 7"
THICKNESS
CLASSIFICATION
(mm)
PAPER
BLISTER
0.6
±0.1
4,000
0.85
±0.1
4,000
1.2
±0.15
2,500
1.6
±0.15
2,500
1.9
±0.2
2,500


Número de pieza similar - CX1206MKNP06BB5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pulse A Technitrol Comp...
CX1206MKNP06BB5 PULSE-CX1206MKNP06BB5 Datasheet
1Mb / 14P
   Surface-mount ceramic EMI filter capacitors
More results

Descripción similar - CX1206MKNP06BB5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
YAGEO Corporation
CX0603MRX7R0BB102 YAGEO-CX0603MRX7R0BB102 Datasheet
1Mb / 15P
   SURFACE-MOUNT CERAMIC EMI FILTER CAPACITORS
logo
Pulse A Technitrol Comp...
X2Y PULSE-X2Y Datasheet
1Mb / 14P
   Surface-mount ceramic EMI filter capacitors
logo
API Technologies Corp
1234-001 APITECH-1234-001 Datasheet
39Kb / 1P
   SURFACE MOUNT FILTER
logo
Bi technologies
LC0805L103M BITECH-LC0805L103M Datasheet
66Kb / 6P
   Low Pass Filter Leadless Surface Mount Chip Inductor/Capacitors
logo
MTRONPTI
A-SERIES MTRONPTI-A-SERIES Datasheet
333Kb / 2P
   Surface Mount Bandpass Filter
logo
Marki Microwave
FB-0955SM MARKIMICROWAVE-FB-0955SM Datasheet
407Kb / 2P
   SURFACE MOUNT BANDPASS FILTER
FB-1215SM MARKIMICROWAVE-FB-1215SM Datasheet
435Kb / 2P
   SURFACE MOUNT BANDPASS FILTER
logo
Abracon Corporation
ASCF45UB ABRACON-ASCF45UB Datasheet
134Kb / 2P
   SURFACE MOUNT CRYSTAL FILTER
4.10.07
logo
MTRONPTI
Y MTRONPTI-Y Datasheet
328Kb / 2P
   Surface Mount Bandpass Filter
Z-SERIES MTRONPTI-Z-SERIES Datasheet
219Kb / 2P
   Surface Mount Bandpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com