Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADP1621ARMZ Datasheet(PDF) 10 Page - Analog Devices

No. de pieza ADP1621ARMZ
Descripción Electrónicos  Constant-Frequency, Current-Mode Step-Up DC/DC Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADP1621ARMZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP1621ARMZ Datasheet HTML 6Page - Analog Devices ADP1621ARMZ Datasheet HTML 7Page - Analog Devices ADP1621ARMZ Datasheet HTML 8Page - Analog Devices ADP1621ARMZ Datasheet HTML 9Page - Analog Devices ADP1621ARMZ Datasheet HTML 10Page - Analog Devices ADP1621ARMZ Datasheet HTML 11Page - Analog Devices ADP1621ARMZ Datasheet HTML 12Page - Analog Devices ADP1621ARMZ Datasheet HTML 13Page - Analog Devices ADP1621ARMZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ADP1621
Rev. A | Page 10 of 32
250
0
–40
160
CS LEAKAGE (nA)
VIN = 5V
CS = 30V
200
150
100
50
10
60
110
Figure 17. Temperature vs. CS Leakage
8
–16
–50
150
TEMPERATURE (°C)
4
0
–4
–8
–12
0
50
100
VFB = 1.2113V AT 25°C
FB BIAS CURRENT IS MEASURED
BY FORCING A CONSTANT 1.2113V
OVER THE TEMPERATURE RANGE.
Figure 18. FB Bias Current vs. Temperature
90
0
1.0
fSYNC/fOSC
2.2
fOSC = 200kHz
fOSC = 550kHz
80
70
60
50
40
30
20
10
1.2
1.4
1.6
1.8
2.0
Figure 19. Slope-Compensation Current vs. fSYNC/fOSC
1.6
0
–50
150
TEMPERATURE (°C)
0
50
100
1.4
1.2
1.0
0.8
0.6
0.4
0.2
VIN = 5V
SDSN = 0V
Figure 20. Shutdown IN Current vs. Temperature
1.2165
1.2120
–50
150
TEMPERATURE (°C)
050
100
VIN = 5V
SDSN = 0V
1.2160
1.2155
1.2150
1.2145
1.2140
1.2135
1.2130
1.2125
Figure 21. FB Voltage vs. Temperature
CH1 5V
CH2 5V
CH4 500mAΩ
M2µs
A CH1
2.9V
1
2
4
TA = 25°C
VIN = 3.3V
VOUT = 5V
LOAD = 0.1A
DCM OPERATION
CH1 = GATE
CH4 = INDUCTOR CURRENT
CH2 = DRAIN VOLTAGE
Figure 22. DCM Switching Waveform


Número de pieza similar - ADP1621ARMZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADP1621ARMZ-R7 AD-ADP1621ARMZ-R7 Datasheet
851Kb / 32P
   Constant-Frequency, Current-Mode Step-Up DC-to-DC Controller
Rev. D
More results

Descripción similar - ADP1621ARMZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADP1621 AD-ADP1621_15 Datasheet
598Kb / 32P
   Constant-Frequency, Current-Mode Step-Up DC/DC Controller
REV. B
ADP1621 AD-ADP1621_V01 Datasheet
851Kb / 32P
   Constant-Frequency, Current-Mode Step-Up DC-to-DC Controller
Rev. D
logo
Linear Technology
LTC1872B LINER-LTC1872B Datasheet
199Kb / 12P
   Constant Frequency Current Mode Step-Up DC/DC Controller in ThinSOT
LTC1872B LINER-LTC1872B_15 Datasheet
204Kb / 12P
   Constant Frequency Current Mode Step-Up DC/DC Controller in ThinSOT
LTC1872 LINER-LTC1872 Datasheet
182Kb / 12P
   Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23
LTC1872 LINER-LTC1872_15 Datasheet
193Kb / 12P
   Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23
LTC1874 LINER-LTC1874_15 Datasheet
191Kb / 12P
   Dual Constant Frequency Current Mode Step-Down DC/DC Controller
LTC1874 LINER-LTC1874 Datasheet
180Kb / 12P
   Dual Constant Frequency Current Mode Step-Down DC/DC Controller
logo
Analog Devices
ADP1864 AD-ADP1864 Datasheet
264Kb / 16P
   Constant Frequency Current-Mode Step-Down DC/DC Controller in TSOT
REV. 0
logo
Linear Technology
LTC1772 LINER-LTC1772_1 Datasheet
167Kb / 12P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com