Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD1981HDJSTZ-REEL Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD1981HDJSTZ-REEL
Descripción Electrónicos  HD Audio SoundMAX Codec
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD1981HDJSTZ-REEL Datasheet(HTML) 6 Page - Analog Devices

Back Button AD1981HDJSTZ-REEL Datasheet HTML 2Page - Analog Devices AD1981HDJSTZ-REEL Datasheet HTML 3Page - Analog Devices AD1981HDJSTZ-REEL Datasheet HTML 4Page - Analog Devices AD1981HDJSTZ-REEL Datasheet HTML 5Page - Analog Devices AD1981HDJSTZ-REEL Datasheet HTML 6Page - Analog Devices AD1981HDJSTZ-REEL Datasheet HTML 7Page - Analog Devices AD1981HDJSTZ-REEL Datasheet HTML 8Page - Analog Devices AD1981HDJSTZ-REEL Datasheet HTML 9Page - Analog Devices AD1981HDJSTZ-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD1981HD
Rev. 0 | Page 6 of 16
Table 9. Analog Output
Parameter
Min
Typ
Max
Unit
FULL-SCALE OUTPUT VOLTAGE (Headphone Disabled)
1
V rms
2.83
V p-p
Output Impedance1
300
Ω
External Load Impedance
10
Output Capacitance
15
pF
External Load Capacitance
1000
pF
FULL-SCALE OUTPUT VOLTAGE (Headphone Out)
1
V rms
2.83
V p-p
Output Impedance
1
Ω
External Load Impedance
32
Ω
Output Capacitance
15
pF
External Load Capacitance
1000
pF
VREF_FILT
2.050
2.250
2.450
V
MIC_BIAS (Ports B, C, D)
2.250
V
(xVREF [2:0] = 100, AVDD = 5.0 V)
3.700
V
(xVREF [2:0] = 010)
0.0
V
Current Drive
5
mA
MUTE CLICK (MUTED OUTPUT, UNMUTED MIDSCALE DAC OUTPUT)
±5
mV
1 Guaranteed by design; not production tested.
Table 10. Static Digital Specifications
Parameter
Min
Typ
Max
Unit
HIGH LEVEL INPUT VOLTAGE (VIH), DIGITAL INPUTS
0.65 × DVDD
V
LOW LEVEL INPUT VOLTAGE (VIL)
0.35 × DVDD
V
HIGH LEVEL OUTPUT VOLTAGE (VOH), IOH = 2 mA
0.90 × DVDD
V
LOW LEVEL OUTPUT VOLTAGE (VOL), IOL = 2 mA
0.10 × DVDD
V
INPUT LEAKAGE CURRENT
−10
+10
μA
OUTPUT LEAKAGE CURRENT
−10
+10
μA
INPUT/OUTPUT PIN CAPACITANCE
7.5
pF
Table 11. Power Supply
Parameter
Min
Typ
Max
Unit
POWER SUPPLY RANGE—ANALOG (AVDD) ±10%
4.5
5.5
V
POWER SUPPLY RANGE—DIGITAL (DVDD) ±10%
2.97
3.63
V
POWER DISSIPATION—ANALOG (AVDD)/DIGITAL (DVDD)
275/132
mW
ANALOG SUPPLY CURRENT—ANALOG (AVDD)
43
mA
DIGITAL SUPPLY CURRENT—DIGITAL (DVDD)
40
mA
POWER SUPPLY REJECTION (100 mV p-p Signal @ 1 kHz)
40
dB
Table 12. D3 Power-Down Savings
Parameter
DVDD
AVDD
Unit
FUNCTION NODE
0.5
0.0
mA
DAC
6.2
9.0
mA
ADC
8.0
8.0
mA
MIXER
0.0
15
mA


Número de pieza similar - AD1981HDJSTZ-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1981HD AD-AD1981HD_15 Datasheet
386Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
More results

Descripción similar - AD1981HDJSTZ-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1983 AD-AD1983 Datasheet
427Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1981HD AD-AD1981HD_15 Datasheet
386Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1986A AD-AD1986A_15 Datasheet
366Kb / 56P
   AC 97 and HD Audio SoundMAX Codec
REV. 0
AD1986A AD-AD1986A Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
AD1884A AD-AD1884A Datasheet
315Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1987 AD-AD1987_15 Datasheet
838Kb / 20P
   High Definition Audio SoundMAX Codec
REV. A
AD1884 AD-AD1884 Datasheet
1Mb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984A AD-AD1984A Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1883 AD-AD1883 Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984 AD-AD1984 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com