Nombre de pieza
         Descripción
AD5744R

 Complete Quad, 14-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC ( 32 Page)


AD
100% 
Zoom Out Zoom In
 6 page
background image
AD5744R
Preliminary Technical Data
Rev. PrA | Page 6 of 32
AC PERFORMANCE CHARACTERISTIC
AVDD = 11.4 V to 16.5 V, AVSS = −11.4 V to −16.5 V, AGND = DGND = REFGND = PGND = 0 V; REFAB = REFCD = 5 V external;
DVCC = 2.7 V to 5.25 V, RLOAD = 10 kΩ, CL = 200 pF. All specifications TMIN to TMAX, unless otherwise noted. Guaranteed by design and
characterization, not production tested.
Table 2.
Parameter
B Grade
C Grade
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE1
Output Voltage Settling Time
8
8
μs typ
Full-scale step to ±1 LSB
10
10
μs max
2
2
μs typ
512 LSB step settling
Slew Rate
5
5
V/μs typ
Digital-to-Analog Glitch Energy
8
8
nV-s typ
Glitch Impulse Peak Amplitude
25
25
mV max
Channel-to-Channel Isolation
80
80
dB typ
DAC-to-DAC Crosstalk
8
8
nV-s typ
Digital Crosstalk
2
2
nV-s typ
Digital Feedthrough
2
2
nV-s typ
Effect of input bus activity on DAC
outputs
Output Noise (0.1 Hz to 10 Hz)
0.025
0.025
LSB p-p typ
Output Noise (0.1 Hz to 100 kHz)
45
45
μV rms max
1/f Corner Frequency
1
1
kHz typ
Output Noise Spectral Density
60
60
nV/√Hz typ
Measured at 10 kHz
Complete System Output Noise Spectral
Density2
80
80
nV/√Hz typ
Measured at 10 kHz
1 Guaranteed by design and characterization; not production tested.
2 Includes noise contributions from integrated reference buffers, 14-bit DAC and output amplifier.
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
AD538440-Channel 3 V/5 V Single-Supply Serial 14-Bit Voltage Output DAC 1 2 3 4 5 MoreAnalog Devices
AD537140-Channel 14-Bit Serial Input Voltage-Output DAC 1 2 3 4 5 MoreAnalog Devices
AD53628-Channel 16/14-Bit Serial Input Voltage-Output DAC 1 2 3 4 5 MoreAnalog Devices
NB4N4413.3V Serial Input MultiProtocol PLL Clock Synthesizer Differential LVPECL Output 1 2 3 4 5 MoreON Semiconductor
AD536016-Channel 16/14-Bit Serial Input Voltage-Output DAC 1 2 3 4 5 MoreAnalog Devices
MMT05B350T3Thyristor Surge Protectors High Voltage Bidirectional TSPD 1 2 3 4 5 ON Semiconductor
AD5666Quad 16-Bit DAC with 5 ppm/C On-Chip Reference in 14-Lead TSSOP 1 2 3 4 5 MoreAnalog Devices
MMT08B260T3Thyristor Surge Protectors High Voltage Bidirectional TSPD 1 2 3 4 5 ON Semiconductor
MMT08B350T3Thyristor Surge Protectors High Voltage Bidirectional TSPD 1 2 3 4 5 ON Semiconductor
SP25UFHigh Voltage Rectifier Stacks 1 2 3 4 5 MoreVoltage Multipliers Inc.

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl