Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD5665RBCPZ-REEL7 Datasheet(PDF) 9 Page - Analog Devices |
|
AD5665RBCPZ-REEL7 Datasheet(HTML) 9 Page - Analog Devices |
9 / 32 page Preliminary Technical Data AD5625R/AD5645R/AD5665R, AD5625/AD5665 Rev. PrA. | Page 9 of 32 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS LDAC ADDR1 VDD VOUTA VOUTC POR VREFIN/VREFOUT SCL SDA GND VOUTB VOUTD CLR ADDR2 1 2 3 4 5 6 7 14 13 12 11 10 9 8 AD5625(R) AD5645R AD5665(R) TOP VIEW (Not to Scale) NOTE: VREFOUT ONLY ON -R VERSIONS VOUTA VOUTB GND VOUTC VOUTD VREFIN/VREFOUT VDD SDA SCL ADDR 1 2 3 4 5 10 9 8 7 6 AD5625(R) AD5645R AD5665(R) TOP VIEW (Not to Scale) NOTE: VREFOUT ONLY ON -R VERSIONS Pin Configuration (14-pin) Pin Configuration (10-pin) Figure 3. Pin Configurations Table 7. Pin Function Descriptions Pin No. (14-pin) Pin No. (10-pin) Mnemonic Description 1 n/a LDAC Active low load DAC pin. 2 n/a ADDR1 Three-state address input. Sets the two least significant bits (Bit A1, Bit A0) of the 7-bit slave address (see Table 6). 3 9 VDD Power supply input. These parts can be operated from 2.7 V to 5.5 V, and the supply should be decoupled with a 10 μF capacitor in parallel with a 0.1 μF capacitor to GND. 4 1 VOUTA Analog output voltage from DAC C. The output amplifier has rail-to-rail operation. 5 4 VOUTC Analog output voltage from DAC D. The output amplifier has rail-to-rail operation. 6 n/a POR Power-on reset. 7 10 VREFIN/VREFOUT The AD5625R/AD5645R/AD5665R, AD5625/AD5665 have a common pin for reference input and reference output. The internal reference and reference output are only available on suffix ---R versions. When using the internal reference, this is the reference output pin. When using an external reference, this is the reference input pin. The default for this pin is as a reference input. 8 n/a ADDR2 Three-state address input. Sets bits A3 and A2 of the 7-bit slave address (see Table 6). 9 n/a CLR Asynchronous clear input. The CLR input is falling edge sensitive. . While CLR is low, all LDAC pulses are ignored. When CLR is activated, zero scale is loaded to all input and DAC registers. This clears the output to 0 V. The part exits clear code mode on the 24th falling edge of the next write to the part. If CLR is activated during a write sequence, the write is aborted. 10 5 VOUTD Analog output voltage from DAC A. The output amplifier has rail-to-rail operation. 11 2 VOUTB Analog output voltage from DAC B. The output amplifier has rail-to-rail operation. 12 3 GND Ground reference point for all circuitry on the part. 13 8 SDA Serial data line. This is used in conjunction with the SCL line to clock data into or out of the 16-bit input register. It is a bidirectional, open-drain data line that should be pulled to the supply with an external pull-up resistor. 14 7 SCL Serial clock line. This is used in conjunction with the SDA line to clock data into or out of the 16-bit input register. n/a 6 ADDR Three-state address input. Sets the two least significant bits (Bit A1, Bit A0) of the 7-bit slave address. |
Número de pieza similar - AD5665RBCPZ-REEL7 |
|
Descripción similar - AD5665RBCPZ-REEL7 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |