Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5667RBCPZ-REEL7 Datasheet(PDF) 2 Page - Analog Devices

No. de pieza AD5667RBCPZ-REEL7
Descripción Electrónicos  Dual, 12-/14-/16-Bit nanoDACs with 5ppm/C On-Chip Ref, I2C Interface
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5667RBCPZ-REEL7 Datasheet(HTML) 2 Page - Analog Devices

  AD5667RBCPZ-REEL7 Datasheet HTML 1Page - Analog Devices AD5667RBCPZ-REEL7 Datasheet HTML 2Page - Analog Devices AD5667RBCPZ-REEL7 Datasheet HTML 3Page - Analog Devices AD5667RBCPZ-REEL7 Datasheet HTML 4Page - Analog Devices AD5667RBCPZ-REEL7 Datasheet HTML 5Page - Analog Devices AD5667RBCPZ-REEL7 Datasheet HTML 6Page - Analog Devices AD5667RBCPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD5667RBCPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD5667RBCPZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
AD5627R/AD5647R/AD5667R, AD5627/AD5667
Preliminary Technical Data
Rev. PrA. | Page 2 of 30
TABLE OF CONTENTS
Features...................................................................................1
Applications ...........................................................................1
General Description .............................................................1
Product Highlights................................................................1
Table1. Related Devices ........................................................2
TABLE OF CONTENTS ......................................................2
Specifications .........................................................................3
AC Characteristics ................................................................4
I2C Timing Specifications.....................................................5
Absolute Maximum Ratings ................................................7
Pin Configuration and Function Descriptions..................8
Typical Performance Characteristics ..................................9
Terminology...........................................................................17
Theory of Operation .............................................................19
D/A Section............................................................................19
Resistor String........................................................................19
Output Amplifier...................................................................19
Internal Reference .................................................................19
External Reference ................................................................19
Serial Interface .......................................................................19
Write Operation.....................................................................20
Read Operation......................................................................20
High Speed Mode ..................................................................21
Multiple Byte Write ...............................................................21
Broadcast Mode .....................................................................22
Input Shift Register................................................................22
Write Commands and LDAC...............................................23
LDAC Setup............................................................................23
LDAC Pin .................................................................................24
Power-Down Modes..............................................................24
Power-on Reset and Software Reset ....................................25
Internal Reference Setup.......................................................25
Clear Pin (CLR) .....................................................................25
Applications............................................................................26
Using A Reference as Power Supply ....................................26
Bipolar Operation..................................................................26
Power Supply Bypassing and Grounding ...........................26
Outline Dimensions ..............................................................27
Ordering Information ...........................................................28
REVISION HISTORY
4/06—Revision 0: Initial Version


Número de pieza similar - AD5667RBCPZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5667RBCPZ-REEL7 AD-AD5667RBCPZ-REEL7 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs짰 with 5 ppm/째C On-Chip Reference, I2C짰 Interface
REV. 0
More results

Descripción similar - AD5667RBCPZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5625R AD-AD5625R Datasheet
819Kb / 32P
   Quad, 12-/14-/16-Bit nanoDACs with 5ppm/째C On-chip Ref, I2C Interface
Rev. PrA
AD5627 AD-AD5627_15 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. 0
AD5647R AD-AD5647R_15 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. 0
AD5627R AD-AD5627R_15 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. 0
AD5667R AD-AD5667R_15 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. 0
AD5667 AD-AD5667_15 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. 0
AD5625R AD-AD5625R_13 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5645R AD-AD5645R_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5625R AD-AD5625R_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5665 AD-AD5665_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com