Nombre de pieza
         Descripción
NCS2220A

 Low Voltage Comparator ( 10 Page)


ONSEMI
100% 
Zoom Out Zoom In
 
 6 page
background image
NCS2220A
http://onsemi.com
6
1.0
1.0
4.0
−1.0
3.0
2.0
−3.0
Figure 13. NCS2220A Input Common Mode
Voltage Range versus Supply Voltage
3.0
VS, SUPPLY VOLTAGE (V)
−2.0
0
2.0
5.0
6.0
TA = 25°C
OPERATING DESCRIPTION
The NCS2220A is an industry first sub−one volt, low
power comparator. This device is designed for rail−to−rail
input and output performance. This device consumes only
10
mA/Comparator of supply current while achieving a
typical propagation delay of 1.1
ms at a 20 mV input
overdrive. Figures 10 and 11 show propagation delay with
various input overdrives. This comparator is guaranteed to
operate at a low voltage of 0.85 V up to 6.0 V. This is
accomplished by the use of a modified analog CMOS
process that implements depletion MOSFET devices. The
common−mode input voltage range extends 0.1 V beyond
the upper and lower rail without phase inversion or other
adverse effects. This device has a typical internal hysteresis
of
"8.0 mV. This allows for greater noise immunity and
clean output switching.
Output Stage
The NCS2220A has a complementary P and N Channel
output stage that has capability of driving a rail−to−rail
output swing with a load ranging up to 5.0 mA. It is designed
such that shoot−through current is minimized while
switching. This feature eliminates the need for bypass
capacitors under most circumstances.
Figure 14. NCS2220A Complementary Output Configuration
VCC
VEE
Output
IN (+)
IN (−)
1  2  3  4  5  6  7  8  9  10 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
FXL2TD245Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent 1 2 3 4 5 MoreFairchild Semiconductor
NCP662100 mA CMOS Low Iq Low-Dropout Voltage Regulator 1 2 3 4 5 MoreON Semiconductor
ADG701LCMOS Low Voltage 2 OHM SPST Switches 1 2 3 4 5 MoreAnalog Devices
NCP15211.5 MHz 600 mA High−Efficiency Low Quiescent Current Adjustable Output Voltage Step−Down Converter 1 2 3 4 5 MoreON Semiconductor
NCP15223.0 MHz 600 mA High−Efficiency Low Quiescent Current Adjustable Output Voltage Step−Down Converter 1 2 3 4 5 MoreON Semiconductor
NCP1570Low Voltage Synchronous Buck Controller 1 2 3 4 5 MoreON Semiconductor
NCP1573Low Voltage Synchronous Buck Controller 1 2 3 4 5 MoreON Semiconductor
NCP1580Low Voltage Synchronous Buck Controller 1 2 3 4 5 MoreON Semiconductor
CY7C4282V64K/128Kx9 Low Voltage Deep Sync FIFOs w/ Retransmit & Depth Expansion 1 2 3 4 5 MoreCypress Semiconductor
NLAS9431Low Voltage Single Supply Dual DPDT Analog Switch 1 2 3 4 5 MoreON Semiconductor

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl