|
| NTJS4405N |
|
||
|
ONSEMI |
|
4 page
NTJS4405N http://onsemi.com 4 TYPICAL PERFORMANCE CURVES (TJ = 25°C unless otherwise noted) VGS = 4.5 V Figure 7. Capacitance Variation 0 0.6 4 1 0 Figure 8. Gate−to−Source and Drain−to−Source Voltage vs. Total Charge Qg, TOTAL GATE CHARGE (nC) ID = 0.95 A TJ = 25°C 0.8 2 3 5 0.4 0.2 QG(TOT) QGS QGD Figure 9. Resistive Switching Time Variation vs. Gate Resistance 100 1 RG, GATE RESISTANCE (OHMS) 1000 10 1 100 10 td(off) Figure 10. Diode Forward Voltage vs. Current 0.8 0.1 0 VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS) VGS = 0 V 1.2 0.6 0.4 0.4 0.5 0.6 0.2 0.3 1 0.2 TJ = 25°C VGS = 0 V 10 0 150 125 75 25 0 GATE−TO−SOURCE OR DRAIN−TO−SOURCE VOLTAGE (VOLTS) TJ = 25°C Coss Ciss Crss 525 15 50 100 20 5 10 VDS = 0 V Ciss Crss VGS VDS VDS = 5.0 V VDD = 6.0 V ID = 0.5 A VGS = 4.5 V td(on) tf tr 0.7 0.8 0.9 1 1.1 0.9 0.7 0.5 0.3 |