Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NLAS2066 Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza NLAS2066
Descripción Electrónicos  Ultra-Small Dual Single Pole, Single Throw Analog Switch with Over Voltage Tolerance
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS2066 Datasheet(HTML) 1 Page - ON Semiconductor

  NLAS2066 Datasheet HTML 1Page - ON Semiconductor NLAS2066 Datasheet HTML 2Page - ON Semiconductor NLAS2066 Datasheet HTML 3Page - ON Semiconductor NLAS2066 Datasheet HTML 4Page - ON Semiconductor NLAS2066 Datasheet HTML 5Page - ON Semiconductor NLAS2066 Datasheet HTML 6Page - ON Semiconductor NLAS2066 Datasheet HTML 7Page - ON Semiconductor NLAS2066 Datasheet HTML 8Page - ON Semiconductor NLAS2066 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2004
April, 2004 − Rev. 5
1
Publication Order Number:
NLAS2066/D
NLAS2066
Ultra−Small Dual Single
Pole, Single Throw Analog
Switch with Over Voltage
Tolerance
The NLAS2066 is a Dual SPST (Single Pole, Single Throw) Analog
Switch high performance version of the popular NLAS323. Packaged
in the ultra−small US8 package. It is designed as a general
analog/digital switch and can also be used to isolate USB ports.
Features
Same Pinout as the Popular NLAS323
Excellent Performance – Maximum RDS
ON 15
W at 3.0 V
Matching Between the Switches "1.5 W at 3.0 V
1.65 V to 5.5 V Operating Range
Lower Threshold Voltages for LVTTL/CMOS Levels
Ultra−Low Charge Injection v 4.8 pC at 3.0 V
Low Standby Power – I
CC = 1.0 nA (max) @ TA = 25°C
CMOS Level Compatibility
OVT* (Pins 1, 3, 5, and 7) These Pins may be Subjected to
0 to +7.0 V, Regardless of Operating Voltage
Allows a Short from USB Line without Damage to the Device
Pb−Free Packages are Available**
Typical Applications
USB Isolation
Cell Phones
PDAs
MP3s Digital Still Cameras
Important Information
ESD Protection: Human Body Model; > 2000 V
Machine Model; > 200 V
Latch−Up Maximum Rating: 200 mA
*Over Voltage Tolerance (OVT) enables pins to function outside (higher) of their
operating voltages, with no damage to the devices or to signal integrity.
**For additional information on our Pb−Free strategy and soldering details,
please download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAM
PIN ASSIGNMENT
1
2
3
IN2
NO1
GND
4
5
COM1
IN1
6
FUNCTION TABLE
L
H
On/Off
Enable Input
State of
Analog Switch
Off
On
7
8
VCC
COM2
NO2
US8
US SUFFIX
CASE 493
8
1
1
8
AH
AH = Device Code
D = Date Code
http://onsemi.com
1
2
3
8
7
5
COM1
NO1
IN2
IN1
VCC
NO2
1
Function
Pin
OVT
Yes
Yes
Yes
Yes
4
GND
6
COM2
D


Número de pieza similar - NLAS2066

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NLAS2066 ONSEMI-NLAS2066 Datasheet
94Kb / 9P
   Ultra-Small Dual Single Pole, Single Throw Analog Switch
July, 2015 ??Rev. 9
NLAS2066USG ONSEMI-NLAS2066USG Datasheet
94Kb / 9P
   Ultra-Small Dual Single Pole, Single Throw Analog Switch
July, 2015 ??Rev. 9
NLAS2066UST3G ONSEMI-NLAS2066UST3G Datasheet
94Kb / 9P
   Ultra-Small Dual Single Pole, Single Throw Analog Switch
July, 2015 ??Rev. 9
NLAS2066 ONSEMI-NLAS2066_10 Datasheet
131Kb / 9P
   Ultra-Small Dual Single Pole, Single Throw Analog Switch with Over Voltage Tolerance
November, 2010 ??Rev. 6
NLAS2066 ONSEMI-NLAS2066_15 Datasheet
94Kb / 9P
   Ultra-Small Dual Single Pole, Single Throw Analog Switch
July, 2015 ??Rev. 9
More results

Descripción similar - NLAS2066

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NLAS2066 ONSEMI-NLAS2066_10 Datasheet
131Kb / 9P
   Ultra-Small Dual Single Pole, Single Throw Analog Switch with Over Voltage Tolerance
November, 2010 ??Rev. 6
NLAS2066 ONSEMI-NLAS2066_15 Datasheet
94Kb / 9P
   Ultra-Small Dual Single Pole, Single Throw Analog Switch
July, 2015 ??Rev. 9
logo
Nexperia B.V. All right...
74HCT2G66 NEXPERIA-74HCT2G66 Datasheet
288Kb / 19P
   Dual single-pole single-throw analog switch
Rev. 11 - 6 November 2018
74HCT2G66-Q100 NEXPERIA-74HCT2G66-Q100 Datasheet
273Kb / 17P
   Dual single-pole single-throw analog switch
Rev. 2 - 6 November 2018
logo
NXP Semiconductors
74HC2G66 NXP-74HC2G66 Datasheet
203Kb / 21P
   Dual single-pole single-throw analog switch
Rev. 06-2 April 2010
74HC2G66GT NXP-74HC2G66GT Datasheet
233Kb / 23P
   Dual single-pole single-throw analog switch
Rev. 10-3 October 2013
74HC_HCT2G66 PHILIPS-74HC_HCT2G66_15 Datasheet
233Kb / 23P
   Dual single-pole single-throw analog switch
Rev. 10-3 October 2013
logo
Nexperia B.V. All right...
74HC2G66-Q100 NEXPERIA-74HC2G66-Q100 Datasheet
274Kb / 17P
   Dual single-pole single-throw analog switch
74AHC1G66-Q100 NEXPERIA-74AHC1G66-Q100 Datasheet
811Kb / 18P
   Single-pole single-throw analog switch
74AHCT1G66 NEXPERIA-74AHCT1G66 Datasheet
263Kb / 16P
   Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com