Nombre de pieza
         Descripción
NUD4301

 Dual Low Dropout Voltage LED Driver/Current Source ( 6 Page)


ONSEMI
100% 
Zoom Out Zoom In
   
 4 page
background image
NUD4301
http://onsemi.com
4
TYPICAL PERFORMANCE CURVES
(TA = 255C, unless otherwise noted)
ILED1
ILED2
Figure 3. Current Limit Adjustment
Figure 4. Typical Line Regulation Performance
(VLED = 3.4 V, Rsense = 4.7 W)
Rsense (W)
VCC (V)
100
10
1
1
10
100
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
0
5.0
10
15
20
25
Figure 5. Typical Current Regulation vs. Vdrop
(Vdrop = VDS + VRsense)
Vdrop (V)
0.30
0.15
0.10
0.05
0
0
5.0
10
15
20
0.20
0.25
ILED1
ILED2
ILED1
ILED2
Figure 6. Typical Current Regulation vs. Vdim
(VLED = 3.4 V, Rsense = 4.7 W)
Vdim (V)
3.6
1.8
1.5
1.2
0.9
0.6
0.3
0
0
5000
10000
15000
20000
2.1
3.0 3.3
2.4 2.7
1  2  3  4  5  6 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
REF19XPrecision Micropower Low Dropout Voltage References 1 2 3 4 5 MoreAnalog Devices
NLAS9431Low Voltage Single Supply Dual DPDT Analog Switch 1 2 3 4 5 MoreON Semiconductor
NLAST9431Low Voltage Single Supply Dual DPDT Analog Switch 1 2 3 4 5 MoreON Semiconductor
FXL2TD245Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent 1 2 3 4 5 MoreFairchild Semiconductor
NLAS2066Ultra-Small Dual Single Pole Single Throw Analog Switch with Over Voltage Tolerance 1 2 3 4 5 MoreON Semiconductor
ADR360Low Power Low Noise Voltage References with Sink/Source Capability 1 2 3 4 5 MoreAnalog Devices
NCP1595Current Mode PWM Converter for Low Voltage Outputs 1 2 3 4 5 MoreON Semiconductor
OMR9807SC200 Krad Si Ultra Low Dropout Linear Regulator Hermetic Package 1 2 3 4 5 International Rectifier
NCP5181High Voltage High and Low Side Driver 1 2 3 4 5 MoreON Semiconductor

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl