Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BLS2933-100 Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza BLS2933-100
Descripción Electrónicos  Microwave power LDMOS transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLS2933-100 Datasheet(HTML) 5 Page - NXP Semiconductors

  BLS2933-100 Datasheet HTML 1Page - NXP Semiconductors BLS2933-100 Datasheet HTML 2Page - NXP Semiconductors BLS2933-100 Datasheet HTML 3Page - NXP Semiconductors BLS2933-100 Datasheet HTML 4Page - NXP Semiconductors BLS2933-100 Datasheet HTML 5Page - NXP Semiconductors BLS2933-100 Datasheet HTML 6Page - NXP Semiconductors BLS2933-100 Datasheet HTML 7Page - NXP Semiconductors BLS2933-100 Datasheet HTML 8Page - NXP Semiconductors BLS2933-100 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
BLS2933-100_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 1 August 2006
5 of 12
Philips Semiconductors
BLS2933-100
Microwave power LDMOS transistor
VDS = 32 V; IDq = 20 mA; tp = 200 µs; δ = 12 %;
PL = 100 W.
(1) f = 2.9 MHz.
(2) f = 3.0 MHz.
(3) f = 3.1 MHz.
(4) f = 3.2 MHz.
(5) f = 3.3 MHz.
VDS =32V; IDq = 20 mA; tp = 200 µs; δ = 12 %.
Fig 2.
Power gain and drain efficiency as functions of
frequency; typical values
Fig 3.
Power gain as a function of load power; typical
values
(1) f = 2.9 MHz.
(2) f = 3.0 MHz.
(3) f = 3.1 MHz.
(4) f = 3.2 MHz.
(5) f = 3.3 MHz.
VDS = 32 V; IDq = 20 mA; tp = 200 µs; δ = 12 %.
(1) f = 2.9 MHz.
(2) f = 3.0 MHz.
(3) f = 3.1 MHz.
(4) f = 3.2 MHz.
(5) f = 3.3 MHz.
VDS =32V; IDq = 20 mA; tp = 200 µs; δ = 12 %.
Fig 4.
Efficiency as a function of power load; typical
values
Fig 5.
Load power as a function of input power;
typical values
001aaf066
f (GHz)
2.8
3.4
3.2
3.0
4
6
2
8
10
Gp
(dB)
ηD
(%)
0
20
30
10
40
50
0
ηD
Gp
PL (W)
0
160
120
40
80
001aaf070
4
6
2
8
10
Gp
(dB)
0
(1)
(2)
(3)
(4)
(5)
PL (W)
0
160
120
40
80
001aaf071
20
30
10
40
50
ηD
(%)
0
(1)
(2)
(3)
(4)
(5)
001aaf072
Pi (W)
030
20
10
80
40
120
160
PL
(W)
0
(1) (2) (3)
(4)
(5)


Número de pieza similar - BLS2933-100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BLS2933-100 NXP-BLS2933-100 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Descripción similar - BLS2933-100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BLF6G20-110 NXP-BLF6G20-110 Datasheet
74Kb / 9P
   Power LDMOS transistor
Rev. 01-28 January 2008
BLF7G22L-130 NXP-BLF7G22L-130 Datasheet
180Kb / 15P
   Power LDMOS transistor
Rev. 3-18 November 2010
BLF6G20-45 NXP-BLF6G20-45 Datasheet
88Kb / 12P
   Power LDMOS transistor
Rev. 02-25 August 2008
BLF6G20-110 NXP-BLF6G20-110_09 Datasheet
90Kb / 10P
   Power LDMOS transistor
Rev. 03-13 January 2009
BLF2425M7L140 NXP-BLF2425M7L140 Datasheet
299Kb / 11P
   Power LDMOS transistor
Rev. 3-6 September 2012
BLF188XR NXP-BLF188XR Datasheet
227Kb / 15P
   Power LDMOS transistor
Rev. 5-12 November 2013
BLF6G22LS-130 PHILIPS-BLF6G22LS-130_15 Datasheet
87Kb / 11P
   Power LDMOS transistor
Rev. 01-23 May 2008
BLF6G20LS-140 PHILIPS-BLF6G20LS-140_15 Datasheet
74Kb / 8P
   Power LDMOS transistor
Rev. 01-27 February 2009
BLF7G10L-250 PHILIPS-BLF7G10L-250_15 Datasheet
714Kb / 13P
   Power LDMOS transistor
Rev. 4-13 September 2012
BLA6G1011-200R PHILIPS-BLA6G1011-200R_15 Datasheet
185Kb / 13P
   Power LDMOS transistor
Rev. 5-17 March 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com