Nombre de pieza
         Descripción
CBTU0808

 Dual lane PCI Express port multiplexer ( 16 Page)


PHILIPS
100% 
Zoom Out Zoom In
 6 page
background image
CBTU0808_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 2 June 2006
6 of 16
Philips Semiconductors
CBTU0808
Dual lane PCI Express port multiplexer
8.
Limiting values
[1]
The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
9.
Recommended operating conditions
[1]
The CTRL[1:0] inputs of the device must be held at valid levels (not floating) to ensure proper device operation.
[2]
VI(dif)(p-p) =2 ×|VTX_D+ − VTX_D−|. See Paragraph 4.3.3, Table 4-5 of Ref. 1.
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.5
+2.5
V
VI
input voltage
−0.5
+2.5
V
IIK
input clamping current
VI < 0 V or VI >VDD
-
−50
mA
IOK
output clamping current
VO < 0 V or VO >VDD
-
±50
mA
IO
output current
continuous; 0 V < VO < VDD
-
±50
mA
ICCC
continuous current through each
VDD or GND pin
-
±100
mA
Tstg
storage temperature
−65
+150
°C
Vesd
electrostatic discharge voltage
Human Body Model; 1.5 k
Ω; 100 pF
>2
-
kV
Machine Model; 0
Ω; 200 pF
>200
-
V
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
supply voltage
1.7
-
1.9
V
VI
input voltage
TXn and RXn ports
−0.25
-
+1.75
V
VIH
HIGH-level input voltage
CTRL[1:0], TEST inputs
[1] 0.65
× VDD
-VDD
V
VIL
LOW-level input voltage
CTRL[1:0], TEST[1:0] inputs
-
0.35
× VDD
V
VICR
common mode input voltage
range
TXn and RXn ports
0
-
1.5
V
VI(dif)(p-p)
peak-to-peak differential
input voltage
TXn and RXn ports
-
1.2
V
Tamb
ambient temperature
operating in free air
0
-
+85
°C
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
NLAS9431Low Voltage Single Supply Dual DPDT Analog Switch 1 2 3 4 5 MoreON Semiconductor
ADL55191 MHz to 10 GHz 50 dB Dual Log Detector/Controller 1 2 3 4 5 MoreAnalog Devices
NCN45571.8 V/3.0 V Dual SIM/SAM/Smart Card Power Supply and Level Shifter 1 2 3 4 5 MoreON Semiconductor
AD5627RDual 12-/14-/16-Bit nanoDACs with 5ppm/C On-Chip Ref I2C Interface 1 2 3 4 5 MoreAnalog Devices
AD7367True Bipolar Input Dual 1us 14-Bit 2-Channel SAR ADC 1 2 3 4 5 MoreAnalog Devices
DP83848JPHYTER® Mini LS Commercial Temperature Single Port 10/100 Ethernet Transceiver 1 2 3 4 5 MoreNational Semiconductor
HMC581LP6HIGH IP3 RFIC DUAL DOWNCONVERTER 800 - 960 MHz 1 2 3 4 5 MoreHittite Microwave Corporation
NLAST9431Low Voltage Single Supply Dual DPDT Analog Switch 1 2 3 4 5 MoreON Semiconductor
BAV70TT1Dual Switching Diode 1 2 3 4 5 MoreON Semiconductor
SI9948AEYDual P-Channel 60-V D-S 175C MOSFET 1 2 3 4 Vishay Siliconix

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl