|
| CBTU0808 |
|
||
|
PHILIPS |
|
3 page
CBTU0808_1 © Koninklijke Philips Electronics N.V. 2006. All rights reserved. Product data sheet Rev. 01 — 2 June 2006 3 of 16 Philips Semiconductors CBTU0808 Dual lane PCI Express port multiplexer 6. Pinning information 6.1 Pinning Fig 2. Pin configuration for TFBGA48 48-ball, 9 × 9 grid; top view. An empty cell indicates no ball is populated at that grid point. Fig 3. Ball mapping 002aac213 Transparent top view CBTU0808EE/G H J G F E D C A B 2468 9 1357 ball A1 index area 1 A 002aac212 CTRL0 TXSB0P TXSA0P GND TXDA0P TXDB0P TEST1 23456789 B RXSA0P GND TXSB0N TXSA0N VDD TXDA0N TXDB0N GND RXDA0P C RXSA0N RXDA0N D RXSB0P RXSB0N RXDB0N RXDB0P E GND VDD VDD GND F TXSA1P TXSA1N TXDA1N TXDA1P G TXSB1N TXDB1N H TXSB1P GND RXSA1N RXSB1N VDD RXDB1N RXDA1N GND TXDB1P J TEST0 RXSA1P RXSB1P GND RXDB1P RXDA1P CTRL1 |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| NLAS9431 | Low Voltage Single Supply Dual DPDT Analog Switch | 1 2 3 4 5 More | ON Semiconductor |
| ADL5519 | 1 MHz to 10 GHz 50 dB Dual Log Detector/Controller | 1 2 3 4 5 More | Analog Devices |
| NCN4557 | 1.8 V/3.0 V Dual SIM/SAM/Smart Card Power Supply and Level Shifter | 1 2 3 4 5 More | ON Semiconductor |
| AD5627R | Dual 12-/14-/16-Bit nanoDACs with 5ppm/C On-Chip Ref I2C Interface | 1 2 3 4 5 More | Analog Devices |
| AD7367 | True Bipolar Input Dual 1us 14-Bit 2-Channel SAR ADC | 1 2 3 4 5 More | Analog Devices |
| DP83848J | PHYTER® Mini LS Commercial Temperature Single Port 10/100 Ethernet Transceiver | 1 2 3 4 5 More | National Semiconductor |
| HMC581LP6 | HIGH IP3 RFIC DUAL DOWNCONVERTER 800 - 960 MHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| NLAST9431 | Low Voltage Single Supply Dual DPDT Analog Switch | 1 2 3 4 5 More | ON Semiconductor |
| BAV70TT1 | Dual Switching Diode | 1 2 3 4 5 More | ON Semiconductor |
| SI9948AEY | Dual P-Channel 60-V D-S 175C MOSFET | 1 2 3 4 | Vishay Siliconix |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |