Nombre de pieza
         Descripción
LS7231-7234

 TOUCH CONTROL LAMP DIMMER ( 8 Page)


LSI
100% 
Zoom Out Zoom In
   
 6 page
background image
C1 = 0.15µF,200V
R4 = 1M
Ω to 5MΩ,1/4W
C2 = 0.33µF,200V
(Select for sensitivity)
C3 = 0.047µF,25V
R5, R6 = 2.7M
Ω,1/4W
C4 = 470pF,25V
R7 = 150K
Ω,1/4W
C5 = 47µF,25V
R8 = 100
Ω,1/4W
C6 = 680pF,25V
D1 = IN4148
C7 = 0.1µF,25V
Z = 15V,1W (Zener)
R1 = 270
Ω,1W
T = Q4006L4 Triac (Typical)
R2 = 1.5M
Ω,1/4W
L = 100µH (RFI Filter)
R3 = 1.5M
Ω,1/4W
(1) For Connection A. Use 0.22µF for Connection B.
(2) For Connection A. Use 1/4W for Connection B.
C1 = 0.15µF, 400V
R4 = 1M
Ω to 5MΩ,1/4W
C2 = 0.22µF, 400V
(Select for sensitivity)
C3 = 0.047µF, 25V
R5, R6 = 4.7M
Ω,1/4W
C4 = 470pF, 25V
R7 = 150K
Ω,1/4W
C5 = 47µF, 25V
R8 = 100
Ω,1/4W
C6 = 680pF,25V
D1 = 1N4148
C7 = 0.1µF, 25V
Z = 15V,1W (Zener)
R1 = 1K
Ω, 2W
T = Q5004L4 Triac (Typical)
R2 = 1.5M
Ω,1/4W
L = 200µH (RFI Filter)
R3 = 1.5M
Ω,1/4W
(3) For Connection A. Use 0.1µF for Connection B.
(4) For Connection A. Use 1/4W for Connection B.
P
115VAC
OR
220VAC
N
LOAD
C1
T
L
C2
R1
R2
A
B
R8
R3
C5
D1
1
2
3
4
8
7
6
5
R4
C3
C4
TRIG
V DD EXT SENS
V SS DOZE CAP SYNC
+
SEE NOTE 4
LS7231-4
DOZE
CIRCUIT
(FIG. 7)
V SS
DZ
SENS
V DD
R6
R5
SEE NOTE 3
FIGURE 5. A Typical Lamp Dimmer
G
Z
-
ELECTRONIC
EXTENSION
(FIG. 6)
EXTN
P
C7
SEE NOTE 5
SEE NOTE 2
R7
C6
NOTES 1) All circuits connected by broken lines are optional.
2) C7 is used only with electronic extension and R7 is used only with mechanical switch.
3) Connection between Pin 1 & Pin 2 should be broken when DOZE circuit is used.
4) Use Connection A when Neutral is not available. Use Connection B when Neutral is available.
5) Connection between Pin 6 & Pin 7 should be broken when EXT is used.
TOUCH
PLATE
MT2
MT1
(1)
115V
220V
7231-4-041597-6
(2)
(3)
(4)
1  2  3  4  5  6  7  8 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
IRMCV201Complete Motion Control Verilog Library Accelerator Verilog Code Development Tool 1 International Rectifier
TSOP32230IR Receiver Modules for Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix
MC1451AAdvanced Step Motor Control Chipset 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TSOP322IR Receiver Modules for Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix
TPA6130A2138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL 1 2 3 4 5 MoreTexas Instruments
DIM200WKS12-A000IGBT Chopper Module - Upper Arm Control 1 2 3 4 5 MoreDynex Semiconductor
DIM200WKS17-A000IGBT Chopper Module - Upper Arm Control 1 2 3 4 5 MoreDynex Semiconductor
DIM200WLS12-A000IGBT Chopper Module - Lower Arm Control 1 2 3 4 5 MoreDynex Semiconductor
GTL200713-bit GTL to LVTTL translator with power good control 1 2 3 4 5 MoreNXP Semiconductors
QTLP650C-2SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 1 2 3 4 5 MoreFairchild Semiconductor

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl