Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7829-1 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD7829-1
Descripción Electrónicos  3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7829-1 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7829-1 Datasheet HTML 7Page - Analog Devices AD7829-1 Datasheet HTML 8Page - Analog Devices AD7829-1 Datasheet HTML 9Page - Analog Devices AD7829-1 Datasheet HTML 10Page - Analog Devices AD7829-1 Datasheet HTML 11Page - Analog Devices AD7829-1 Datasheet HTML 12Page - Analog Devices AD7829-1 Datasheet HTML 13Page - Analog Devices AD7829-1 Datasheet HTML 14Page - Analog Devices AD7829-1 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD7829-1
Rev. 0 | Page 11 of 20
A suggestion is to tie CONVST
ANALOG INPUT
to VDD or DGND through a
pull-up or pull-down resistor. A rising edge on the CONVST
pin causes the AD7829-1 to fully power up. For applications
where power consumption is of concern, the automatic power-
down at the end of a conversion should be used to improve
power performance (see the
The AD7829-1 has eight input channels. Each input channel has
an input span of 2.5 V or 2.0 V, depending on the supply voltage
(VDD). This input span is automatically set up by an on-chip
“VDD detector” circuit. A 5 V operation of the ADCs is detected
when VDD exceeds 4.1 V, and a 3 V operation is detected when
VDD falls below 3.8 V. This circuit also possesses a degree of
glitch rejection; for example, a glitch from 5.5 V to 2.7 V up to
60 ns wide does not trip the VDD detector.
Power vs. Throughput section).
If the AD7829-1 is operated outside normal VDD limits (for
example, a brown-out), it may take two conversions to reset the
part once the correct VDD has been established.
SUPPLY
4.5V TO 5.5V
10µF
0.1µF
VDD
VREF
VMID
VIN1
1.25V TO
3.75V INPUT
VIN2
VIN8
AGND
DB0 TO DB7
EOC
RD
CS
CONVST
A0
A1
A2
PARALLEL
INTERFACE
µC/µP
AD7829-1
DGND
2.5V
AD780
The VMID pin is used to center this input span anywhere in the
range of AGND to VDD. If no input voltage is applied to VMID,
the default input range is AGND to 2.0 V (VDD = 3 V ± 10%),
that is, centered about 1.0 V; or AGND to 2.5 V (VDD = 5 V ± 10%),
that is, centered about 1.25 V. When using the default input range,
the VMID pin can be left unconnected; or, in some cases, it can be
decoupled to AGND with a 0.1 μF capacitor.
If, however, an external VMID is applied, the analog input range
is from VMID − 1.0 V to VMID + 1.0 V (VDD = 3 V ± 10%), or from
VMID − 1.25 V to VMID + 1.25 V (VDD = 5 V ± 10%).
The range of values of VMID that can be applied depends on the
value of VDD. For VDD = 3 V ± 10%, the range of values that can
be applied to VMID is from 1.0 V to VDD − 1.0 V and is 1.25 V to
VDD − 1.25 V when VDD = 5 V ± 10%. Table 5 shows the relevant
ranges of VMID and the input span for various values of VDD.
Figure 7. Typical Connection Diagram
Figure 9 illustrates the input signal range available with various
values of VMID.
ADC TRANSFER FUNCTION
The output coding of the AD7829-1 is straight binary. The
designed code transitions occur at successive integer LSB values
(that is, 1 LSB, 2 LSBs, and so on). The LSB size is equal to
VREF/256 (VDD = 5 V), or the LSB size is equal to (0.8 VREF)/256
(VDD = 3 V). The ideal transfer characteristic for the AD7829-1
is shown in
Table 5.
VMID
Internal
VMID Ext
Minimum
VMID Ext
Maximum
VDD
VIN Span
VIN Span
5.5
1.25
4.25
3.0 to 5.5
1.25
0 to 2.5
Figure 8.
11111111
111...110
111...000
10000000
000...111
000...010
00000000
(VDD = 5V)
1LSB = VREF/256
(VDD = 3V)
1LSB = 0.8VREF/256
000...001
1LSB
VMID
(VDD = 5V) VMID – 1.25V
(VDD = 3V) VMID – 1V
VMID + 1.25V – 1LSB
VMID + 1V – 1LSB
ANALOG INPUT VOLTAGE
Figure 8. Transfer Characteristic
5.0
1.25
3.75
2.5 to 5.0
1.25
0 to 2.5
4.5
1.25
3.25
2.0 to 4.5
1.25
0 to 2.5
3.3
1.00
2.3
1.3 to 3.3
1.00
0 to 2.0
3.0
1.00
2.0
1.0 to 3.0
1.00
0 to 2.0
2.7
1.00
1.7
0.7 to 2.7
1.00
0 to 2.0


Número de pieza similar - AD7829-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7829-1 AD-AD7829-1 Datasheet
361Kb / 21P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
AD7829-1 AD-AD7829-1_15 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829-1 AD-AD7829-1_17 Datasheet
361Kb / 21P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
More results

Descripción similar - AD7829-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7829-1 AD-AD7829-1_15 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829-1 AD-AD7829-1_17 Datasheet
361Kb / 21P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
AD7827BRZ AD-AD7827BRZ Datasheet
111Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial InterfaceSampling ADC
REV. 0
AD7822 AD-AD7822_06 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7825 AD-AD7825_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829 AD-AD7829_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822 Datasheet
240Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
REV. B
AD7827 AD-AD7827 Datasheet
185Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
AD7827 AD-AD7827_15 Datasheet
189Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com