Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7934BRU-6 Datasheet(PDF) 1 Page - Analog Devices

No. de pieza AD7934BRU-6
Descripción Electrónicos  4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7934BRU-6 Datasheet(HTML) 1 Page - Analog Devices

  AD7934BRU-6 Datasheet HTML 1Page - Analog Devices AD7934BRU-6 Datasheet HTML 2Page - Analog Devices AD7934BRU-6 Datasheet HTML 3Page - Analog Devices AD7934BRU-6 Datasheet HTML 4Page - Analog Devices AD7934BRU-6 Datasheet HTML 5Page - Analog Devices AD7934BRU-6 Datasheet HTML 6Page - Analog Devices AD7934BRU-6 Datasheet HTML 7Page - Analog Devices AD7934BRU-6 Datasheet HTML 8Page - Analog Devices AD7934BRU-6 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
4-Channel, 625 kSPS, 12-Bit
Parallel ADC with a Sequencer
AD7934-6
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Throughput rate: 625 kSPS
Specified for VDD of 2.7 V to 5.25 V
Power consumption
3.6 mW max at 625 kSPS with 3 V supplies
7.5 mW max at 625 kSPS with 5 V supplies
4 analog input channels with a sequencer
Software configurable analog inputs
4-channel single-ended inputs
2-channel fully differential inputs
2-channel pseudo differential inputs
Accurate on-chip 2.5 V reference
±0.2% max @ 25°C, 25 ppm/°C max
70 dB SINAD at 50 kHz input frequency
No pipeline delays
High speed parallel interface—word/byte modes
Full shutdown mode: 2 µA max
28-lead TSSOP package
FUNCTIONAL BLOCK DIAGRAM
VIN3
T/H
PARALLEL INTERFACE/CONTROL REGISTER
SEQUENCER
12-BIT
SAR ADC
AND
CONTROL
I/P
MUX
2.5V
VREF
DB0
DB11
VDRIVE
VDD
AD7934-6
VIN0
AGND
VREFIN/
VREFOUT
CLKIN
BUSY
CONVST
CS
DGND
RD WR W/B
Figure. 1
GENERAL DESCRIPTION
The AD7934-6 is a 12-bit, high speed, low power, successive
approximation (SAR) analog-to-digital converter (ADC). The
part operates from a single 2.7 V to 5.25 V power supply and
features throughput rates up to 625 kSPS. The part contains a
low noise, wide bandwidth, differential track-and-hold
amplifier that handles input frequencies up to 50 MHz.
The AD7934-6 features four analog input channels with a channel
sequencer that allows a preprogrammed selection of channels to
be converted sequentially. This part can accept either single-
ended, fully differential, or pseudo differential analog inputs.
Data acquisition and conversion are controlled by standard control
inputs, which allow for easy interfacing to microprocessors and
DSPs. The input signal is sampled on the falling edge of CONVST,
which is also the point where the conversion is initiated.
The AD7934-6 has an accurate on-chip 2.5 V reference that
can be used as the reference source for the analog-to-digital
conversion. Alternatively, this pin can be overdriven to provide
an external reference.
The AD7934-6 uses advanced design techniques to achieve very
low power dissipation at high throughput rates. The part also
features flexible power management options. An on-chip control
register allows the user to set up different operating conditions,
including analog input range and configuration, output coding,
power management, and channel sequencing.
PRODUCT HIGHLIGHTS
1. High throughput with low power consumption.
2. Four analog inputs with a channel sequencer.
3. Accurate on-chip 2.5 V reference.
4. Single-ended, pseudo differential, or fully differential analog
inputs that are software selectable.
5. No pipeline delay.
6. Accurate control of the sampling instant via a CONVST input
and once off conversion control.
Table 1. Related Devices
Similar
Device
Number
of Bits
Number of
Channels
Speed
AD7938/39
12/10
8
1.5 MSPS
AD7933/34
10/12
4
1.5 MSPS
AD7938-6
12
8
625 kSPS


Número de pieza similar - AD7934BRU-6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7934BRU-6 AD-AD7934BRU-6 Datasheet
617Kb / 29P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
AD7934BRU-6REEL AD-AD7934BRU-6REEL Datasheet
617Kb / 29P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
More results

Descripción similar - AD7934BRU-6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7934-6 AD-AD7934-6_15 Datasheet
711Kb / 28P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
REV. B
AD7934-6 AD-AD7934-6_17 Datasheet
617Kb / 29P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
AD7938-6 AD-AD7938-6_17 Datasheet
819Kb / 33P
   8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
AD7938-6 AD-AD7938-6 Datasheet
762Kb / 32P
   8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
REV. 0
AD7938-6 AD-AD7938-6_15 Datasheet
599Kb / 32P
   8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
REV. C
AD7923 AD-AD7923_15 Datasheet
381Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. D
AD7923 AD-AD7923 Datasheet
430Kb / 20P
   4-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. 0
AD7923 AD-AD7923_11 Datasheet
380Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. C
AD7923 AD-AD7923_17 Datasheet
423Kb / 25P
   4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
AD7927 AD-AD7927 Datasheet
276Kb / 20P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com