Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8000YRDZ-REEL Datasheet(PDF) 7 Page - Analog Devices

No. de pieza AD8000YRDZ-REEL
Descripción Electrónicos  1.5 GHz Ultrahigh Speed Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8000YRDZ-REEL Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8000YRDZ-REEL Datasheet HTML 3Page - Analog Devices AD8000YRDZ-REEL Datasheet HTML 4Page - Analog Devices AD8000YRDZ-REEL Datasheet HTML 5Page - Analog Devices AD8000YRDZ-REEL Datasheet HTML 6Page - Analog Devices AD8000YRDZ-REEL Datasheet HTML 7Page - Analog Devices AD8000YRDZ-REEL Datasheet HTML 8Page - Analog Devices AD8000YRDZ-REEL Datasheet HTML 9Page - Analog Devices AD8000YRDZ-REEL Datasheet HTML 10Page - Analog Devices AD8000YRDZ-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD8000
Rev. 0 | Page 7 of 20
FREQUENCY (MHz)
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
0.1
1
10
100
1000
RL = 1kΩ
G = +1
RF = 432Ω
VOUT = 200mV p-p
LFCSP
VS = +5V, RS = 0Ω
VS = ±5V, RS = 50Ω
VS = +5V, RS = 50Ω
VS = ±5V, RS = 0Ω
Figure 11. Small Signal Frequency Response vs. Supply Voltage
–9
–6
–3
0
3
6
9
FREQUENCY (MHz)
10
1
100
1000
RL = 150Ω
G = +1
RF = 432Ω
VOUT = 200mV p-p
LFCSP
VS = ±5V
VS = +5V
Figure 12. Small Signal Frequency Response vs. Supply Voltage
5.5
5.6
5.7
5.8
5.9
6.0
6.1
6.2
6.3
6.4
6.5
FREQUENCY (MHz)
1
100
10
VS = ±5V
RL = 150Ω
VOUT = 2V p-p
G = +2
RF = 432Ω
SOIC
LFCSP
Figure 13. 0.1 dB Flatness
–3
0
3
6
9
FREQUENCY (MHz)
10
1
100
1000
VS = ±5V
G = +2
RL = 150Ω
VOUT = 200mV p-p
LFCSP
–40
°C
+125
°C
+25
°C
Figure 14. Small Signal Frequency Response vs. Temperature
–3
0
3
6
9
FREQUENCY (MHz)
10
1
100
1000
VS = ±5V
G = +2
RL = 1kΩ
VOUT = 200mV p-p
LFCSP
–40
°C
+125
°C
+25
°C
Figure 15. Small Signal Frequency Response vs. Temperature
–3
0
3
6
9
FREQUENCY (MHz)
10
1
100
1000
VS = ±5V
G = +2
RL = 150Ω
VOUT = 2V p-p
LFCSP
+125
°C
+25
°C
–40
°C
Figure 16. Large Signal Frequency Response vs. Temperature


Número de pieza similar - AD8000YRDZ-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8000 AD-AD8000_15 Datasheet
611Kb / 21P
   1.5 GHz Ultrahigh Speed Op Amp
REV. B
More results

Descripción similar - AD8000YRDZ-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8000 AD-AD8000_15 Datasheet
611Kb / 21P
   1.5 GHz Ultrahigh Speed Op Amp
REV. B
AD8003 AD-AD8003_16 Datasheet
782Kb / 17P
   Triple, 1.5 GHz Op Amp
AD8003 AD-AD8003 Datasheet
684Kb / 16P
   Triple, 1.5 GHz Op Amp
Rev. A
AD8003 AD-AD8003_15 Datasheet
947Kb / 17P
   Triple, 1.5 GHz Op Amp
REV. C
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
   Differential, High Speed Op Amp
logo
M.S. Kennedy Corporatio...
MSK1461 MSK-MSK1461 Datasheet
302Kb / 5P
   HIGH SPEED/VOLTAGE OP AMP
logo
National Semiconductor ...
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
[Old version datasheet]   Differential, High Speed Op Amp
logo
Maxim Integrated Produc...
MAX477 MAXIM-MAX477 Datasheet
178Kb / 12P
   300MHz High-Speed Op Amp
Rev 2; 5/97
logo
Texas Instruments
LMH6551Q TI1-LMH6551Q Datasheet
520Kb / 20P
[Old version datasheet]   Differential, High Speed Op Amp
November 29, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com