Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8336ACPZ-RL Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD8336ACPZ-RL
Descripción Electrónicos  General-Purpose, ??5 to 125, Wide Bandwidth, DC-Coupled VGA
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8336ACPZ-RL Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8336ACPZ-RL Datasheet HTML 4Page - Analog Devices AD8336ACPZ-RL Datasheet HTML 5Page - Analog Devices AD8336ACPZ-RL Datasheet HTML 6Page - Analog Devices AD8336ACPZ-RL Datasheet HTML 7Page - Analog Devices AD8336ACPZ-RL Datasheet HTML 8Page - Analog Devices AD8336ACPZ-RL Datasheet HTML 9Page - Analog Devices AD8336ACPZ-RL Datasheet HTML 10Page - Analog Devices AD8336ACPZ-RL Datasheet HTML 11Page - Analog Devices AD8336ACPZ-RL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD8336
Rev. 0 | Page 8 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
VS = ±5 V, T = 25°C, gain range = −14 dB to +46 dB, PrA gain = +4×, f = 1 MHz, CL = 5 pF, RL = 500 Ω, PWRA = GND, unless otherwise
specified.
–20
40
10
0
30
50
–800
–10
VGAIN (mV)
–600
–400
–200
200
400
600
800
0
20
T = +125°C
T = +25°C
T = –55°C
Figure 3. Gain vs. VGAIN for Three Values of Temperature (T)
–20
40
10
30
50
–10
0
20
VS = ±12V
VS = ±5V
VS = ±3V
0
–800
VGAIN (mV)
–600
–400
–200
200
400
600
800
Figure 4. Gain vs. VGAIN for Three Values of Supply Voltage (VS)
–20
40
10
30
50
–10
0
20
60
70
PREAMP GAIN = 4×
PREAMP GAIN = 20×
0
–800
VGAIN (mV)
–600
–400
–200
200
400
600
800
Figure 5 Gain vs. VGAIN for Preamp Gains of 4× and 20×
–1.0
1.5
–1.5
1.0
2.0
0.5
0
–2.0
–0.5
T = +125°C
T = +25°C
T = –55°C
0
–800
VGAIN (mV)
–600
–400
–200
200
400
600
800
Figure 6. Gain Error vs. VGAIN for Three Values of Temperature (T)
–1.0
1.5
–1.5
1.0
2.0
0.5
0
–2.0
–0.5
VS = ±12V
VS = ±5V
VS = ±3V
0
–800
VGAIN (mV)
–600
–400
–200
200
400
600
800
Figure 7. Gain Error vs. VGAIN for Three Values of Supply Voltage (VS)
1.5
1.0
2.0
0.5
0
–2.0
–0.5
PREAMP GAIN = 20×
PREAMP GAIN = 4×
–1.0
–1.5
0
–800
VGAIN (mV)
–600
–400
–200
200
400
600
800
Figure 8. Gain Error vs. VGAIN for Preamp Gains of 4× and 20×


Número de pieza similar - AD8336ACPZ-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8336ACPZ-RL AD-AD8336ACPZ-RL Datasheet
782Kb / 27P
   General-Purpose Wide Bandwidth, DC-Coupled VGA
More results

Descripción similar - AD8336ACPZ-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8336 AD-AD8336_17 Datasheet
782Kb / 27P
   General-Purpose Wide Bandwidth, DC-Coupled VGA
AD8337 AD-AD8337_07 Datasheet
791Kb / 24P
   General-Purpose, Low Cost, DC-Coupled VGA
REV. B
AD8337 AD-AD8337_15 Datasheet
1Mb / 32P
   General-Purpose, Low Cost, DC-Coupled VGA
REV. C
AD8337 AD-AD8337 Datasheet
773Kb / 28P
   General-Purpose, Low Cost, DC-Coupled VGA
REV. A
AD8337 AD-AD8337_16 Datasheet
954Kb / 28P
   General-Purpose, Low Cost, DC-Coupled VGA
logo
Linear Technology
LTC1968 LINER-LTC1968_15 Datasheet
301Kb / 28P
   Precision Wide Bandwidth, RMS-to-DC Converter
LTC1968 LINER-LTC1968 Datasheet
297Kb / 28P
   Precision Wide Bandwidth, RMS-to-DC Converter
logo
List of Unclassifed Man...
E05-X0 ETC1-E05-X0 Datasheet
55Kb / 1P
   5 Watt Wide Input DC to DC Converters
E05-11M1 ETC-E05-11M1 Datasheet
55Kb / 1P
   5 WATT WIDE INPUT DC TO DC CONVERTERS
logo
Texas Instruments
OPA615 TI-OPA615 Datasheet
642Kb / 26P
[Old version datasheet]   Wide-Bandwidth, DC Restoration Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com