Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8385 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza AD8385
Descripción Electrónicos  10-Bit, 12-Channel Decimating LCD DECDRIVER with Level Shifters
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8385 Datasheet(HTML) 5 Page - Analog Devices

  AD8385 Datasheet HTML 1Page - Analog Devices AD8385 Datasheet HTML 2Page - Analog Devices AD8385 Datasheet HTML 3Page - Analog Devices AD8385 Datasheet HTML 4Page - Analog Devices AD8385 Datasheet HTML 5Page - Analog Devices AD8385 Datasheet HTML 6Page - Analog Devices AD8385 Datasheet HTML 7Page - Analog Devices AD8385 Datasheet HTML 8Page - Analog Devices AD8385 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD8385
Rev. 0 | Page 5 of 24
LEVEL SHIFTING EDGE DETECTOR
@ 25°C, AVCC = 15.5 V, DVCC = 3.3 V, TA MIN = 0°C, TA MAX = 85°C, VRH = 9.5 V, VRL = V1 = V2 = 7 V, unless otherwise noted.
Table 3.
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input Low Voltage
AGND
AGND + 0.75
V
VIH
Input High Voltage
AVCC – 0.7
AVCC
V
VTH LH
Input Rising Edge Threshold Voltage
AGND + 1
V
VTH HL
Input Falling Edge Threshold Voltage
AVCC – 1
V
VOH
Output High Voltage
DVCC
− 0.25
V
VOL
Output Low Voltage
0.25
V
IIH
Input Current High State
1.2
2.5
µA
IIL
Input Current Low State
–2.5
–1.2
µA
t19
Input Rising Edge Propagation Delay Time
CL = 10 pF
16
ns
∆t19
t19 Variation with Temperature
2
ns
t20
Input Falling Edge Propagation Delay Time
CL = 10 pF
12
ns
∆t20
t20 Variation with Temperature
2
ns
tr
Output Rise Time
10% to 90%
5
ns
tf
Output Fall Time
10% to 90%
6
ns
SERIAL INTERFACE
@ 25 C, AVCC = 15.5 V, DVCC = 3.3 V, TA MIN = 0°C, TA MAX = 85°C, SVFS = 5 V, SVRL = 4 V, SVRH = 9 V, unless otherwise noted.
Table 4.
Parameter
Conditions
Min
Typ
Max
Unit
SERIAL DAC REFERENCE INPUTS
SVFS = (SVRH – SVRL)
SVRH Range
SVRL ≤ SVRH
SVRL + 1
AVCC – 3.5
V
SVRL Range
SVRL ≤ SVRH
AGND + 1.5
SVRH – 1
V
SVFS Range
1
8
V
SVRH Input Current
SVFS = 5 V
125
150
µA
SVRL Input Current
SVFS = 5 V
–2.8
–2.5
mA
SVRH Input Resistance
40
kΩ
SERIAL DAC ACCURACY
DNL
SVFS = 5 V, RL = ∞
–1.0
+1.0
LSB
INL
SVFS = 5 V, RL = ∞
–1.5
+1.5
LSB
Output Offset Error
–2.0
+2.0
LSB
Scale Factor Error
–3
+3
LSB
SERIAL DAC LOGIC INPUTS
Input tr, tf = 10 ns
CIN
3
pF
IIN LOW Low Level Input Current
–0.6
µA
IIN HIGH High Level Input Current
0.05
µA
VTH Input Threshold Voltage
1.65
V
VIH Input High Voltage
2.0
DVCC
V
VIL Input Low Voltage
DGND
0.8
V
SERIAL DAC OUTPUTS
Maximum Output Voltage
SVRH – 1 LSB
V
Minimum Output Voltage
SVRL
V
VAO1—Grounded Mode
0.1
V
IOUT
±30
mA
CLOAD Low Range1
0.002
µF
CLOAD High Range1
0.047
µF


Número de pieza similar - AD8385

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8385 AD-AD8385 Datasheet
768Kb / 24P
   10-Bit, 12-Channel Decimating
REV. 0
AD8385 AD-AD8385_15 Datasheet
768Kb / 24P
   10-Bit, 12-Channel Decimating
REV. 0
More results

Descripción similar - AD8385

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8384 AD-AD8384 Datasheet
470Kb / 24P
   10-Bit, 6-Channel Decimating LCD DecDriver-R with Level Shifters
REV. 0
AD8387 AD-AD8387 Datasheet
396Kb / 16P
   High Performance, 12-Bit, 12-Channel Decimating, LCD DecDriver
REV. 0
AD8382 AD-AD8382 Datasheet
864Kb / 24P
   High Performance 12-Bit, 6-Channel Output, Decimating LCD DecDriver
REV. 0
AD8383 AD-AD8383 Datasheet
376Kb / 16P
   Low Cost 10-Bit, 6-Channel Output Decimating LCD DecDriver
REV. 0
AD8386 AD-AD8386 Datasheet
380Kb / 20P
   10-Bit, 12-Channel Output Decimating LCD Driver
REV. 0
AD8385 AD-AD8385_15 Datasheet
768Kb / 24P
   10-Bit, 12-Channel Decimating
REV. 0
AD8380 AD-AD8380 Datasheet
219Kb / 16P
   Fast, High-Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
AD8384 AD-AD8384_15 Datasheet
734Kb / 24P
   10-Bit, 6-Channel Decimating
REV. 0
AD8381JSTZ AD-AD8381JSTZ Datasheet
290Kb / 16P
   Fast, High Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
logo
Texas Instruments
TPS65163 TI1-TPS65163 Datasheet
1Mb / 43P
[Old version datasheet]   LCD Bias Supply With Integrated Level Shifters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com