Nombre de pieza
         Descripción
AD8648

 Low Cost, 24 MHz, Rail-to-Rail, Quad Amplifiers ( 12 Page)


AD
100% 
Zoom Out Zoom In
 
 3 page
background image
AD8648
Rev. 0 | Page 3 of 12
SPECIFICATIONS
VDD = 5.0 V, VCM = VDD/2, TA = 25oC, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
VCM = 0 V to 5 V
0.7
2.5
mV
−40°C < TA < +125°C
3.2
mV
Offset Voltage Drift
ΔVOS/ΔT
−40°C < TA < +125°C
2.0
7.5
μV/°C
Input Bias Current
IB
0.2
1
pA
−40°C < TA < +85°C
50
pA
−40°C < TA < +125°C
550
pA
Input Offset Current
IOS
0.1
0.5
pA
−40°C < TA < +85°C
50
pA
−40°C < TA < +125°C
250
pA
Input Voltage Range
VCM
0
5
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 5.0 V
67
84
dB
Large-Signal Voltage Gain
AVO
RL = 2 kΩ, VO = 0.5 V to 4.5 V
160
700
V/mV
Input Capacitance
CDIFF
2.5
pF
CCM
6.7
pF
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IOUT = 1 mA
4.98
4.99
V
IOUT = 10 mA
4.87
4.92
V
−40°C < TA < +125°C
4.70
V
Output Voltage Low
VOL
IOUT = 1 mA
8.4
20
mV
IOUT = 10 mA
78
145
mV
−40°C < TA < +125°C
200
mV
Short-Circuit Output Current
ISC
±150
mA
Closed-Loop Output Impedance
ZOUT
At 1 MHz, AV = 1
3
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VDD = 2.7 V to 5.5 V
63
80
dB
Supply Current per Amplifier
ISY
1.8
2.0
mA
−40°C < TA < +125°C
2.5
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
12
V/μs
Settling Time
ts
To 0.01%
0.5
μs
Gain Bandwidth Product
GBP
24
MHz
Phase Margin
ΦM
74
Degrees
NOISE PERFORMANCE
Peak-to-Peak Noise
en p-p
0.1 Hz to 10 Hz
2.4
μV
Voltage Noise Density
en
f = 1 kHz
8
nV/√Hz
f = 10 kHz
6
nV/√Hz
Channel Separation
CS
f = 10 kHz
−115
dB
f = 100 kHz
−110
dB
1  2  3  4  5  6  7  8  9  10  11  12 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
ADTL082Low Cost JFET Input Operational Amplifiers 1 2 3 4 5 MoreAnalog Devices
AD8613Low Cost Micropower Low Noise CMOS Rail-to- Rail Input/Output Operational Amplifiers 1 2 3 4 5 MoreAnalog Devices
AD8335Quad Low Noise Low Cost Variable Gain Amplifier 1 2 3 4 5 MoreAnalog Devices
LMV7165 MHz Low Noise RRO Dual Operational Amplifier with CMOS Input 1 2 3 4 5 MoreNational Semiconductor
SMP-11LOW DROOP RATE / ACCURATE SAMPLE-AND-HOLD AMPLIFIERS 1 2 3 4 5 MoreAnalog Devices
NUP45V6P5Low Capacitance Quad Array for ESD Protection 1 2 3 4 ON Semiconductor
ADCMP608Rail-to-Rail Fast Low Power 2.5 V to 5.5 V Single-Supply TTL/CMOS Comparators 1 2 3 4 5 MoreAnalog Devices
ADT6501Low Cost 2.7 V to 5.5 V Micropower Temperature Switches in SOT-23 1 2 3 4 5 MoreAnalog Devices
ADA4862-3High Speed G = +2 Low Cost Triple Op Amp 1 2 3 4 5 MoreAnalog Devices
PI5V330ALow On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux 1 2 3 4 5 MorePericom Semiconductor Corporation

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl