Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KM62U256DLTGI-7L Datasheet(PDF) 2 Page - Samsung semiconductor

No. de pieza KM62U256DLTGI-7L
Descripción Electrónicos  32Kx8 bit Low Power and Low Voltage CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM62U256DLTGI-7L Datasheet(HTML) 2 Page - Samsung semiconductor

  KM62U256DLTGI-7L Datasheet HTML 1Page - Samsung semiconductor KM62U256DLTGI-7L Datasheet HTML 2Page - Samsung semiconductor KM62U256DLTGI-7L Datasheet HTML 3Page - Samsung semiconductor KM62U256DLTGI-7L Datasheet HTML 4Page - Samsung semiconductor KM62U256DLTGI-7L Datasheet HTML 5Page - Samsung semiconductor KM62U256DLTGI-7L Datasheet HTML 6Page - Samsung semiconductor KM62U256DLTGI-7L Datasheet HTML 7Page - Samsung semiconductor KM62U256DLTGI-7L Datasheet HTML 8Page - Samsung semiconductor KM62U256DLTGI-7L Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
KM62V256D, KM62U256D Family
CMOS SRAM
Revision 1.0
November 1997
2
32Kx8 bit Low Power and Low Voltage CMOS Static RAM
GENERAL DESCRIPTION
The KM62V256D and KM62U256D families are fabricated
by SAMSUNG
′s advanced CMOS process technology. The
families support various operating temperature range and
have various package types for user flexibility of system
design. The families also support low data retention voltage
for battery back-up operation with low data retention current.
FEATURES
• Process Technology : TFT
• Organization : 32Kx8
• Power Supply Voltage
KM62V256D family : 2.7~3.3V
KM62U256D family : 3.0~3.6V
• Low Data Retention Voltage : 2V(Min)
• Three state output and TTL Compatible
• Package Type : 28-SOP-450
28-TSOP1-0813.4F/R
PRODUCT FAMILY
1. The parameter is measured with 30pF test load.
2. KM62V256D Family support SOP package without 100ns speed bin.
Product
Family
Operating
Temperature
VCC Range
Speed
(ns)
Power Dissipation
PKG Type
Standby
(ISB1, Max)
Operating
(Icc2)
KM62V256DL-L
Commercial(0~70
°C)
3.0V ~3.6V
701)/100
5
µA
35mA
28-SOP2)
28-TSOP1-F/R
KM62U256DL-L
2.7V ~ 3.3V
701)/85/100
KM62V256DLE-L
Extended(-25~85
°C)
3.0V ~3.6V
701)/100
KM62U256DLE-L
2.7V ~ 3.3V
701)/85/100
KM62V256DLI-L
Industrial(-40~85
°C)
3.0V ~3.6V
701)/100
KM62U256DLI-L
2.7V ~ 3.3V
701)/85/100
SAMSUNG ELECTRONICS CO., LTD. reserves the right to change products and specifications without notice.
PIN DESCRIPTION
Pin Name
Function
Pin Name
Function
CS
Chip Select Input
I/O1~I/O8
Data Inputs/Outputs
OE
Output Enable Input
Vcc
Power
WE
Write Enable Input
Vss
Ground
A0~A14
Address Inputs
NC
No connect
FUNCTIONAL BLOCK DIAGRAM
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O1
I/O2
I/O3
VSS
VCC
WE
A13
A8
A9
A11
OE
A10
CS
I/O8
I/O7
I/O6
I/O5
I/O4
28-SOP
15
16
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
A11
A9
A8
A13
WE
VCC
A3
A14
A12
A7
A6
A5
A4
A10
CS
I/O8
I/O7
I/O6
I/O5
I/O4
VSS
I/O3
I/O2
I/O1
A0
A1
A2
28-TSOP
Type1 - Forward
1
2
3
4
5
6
7
8
9
10
11
12
13
14
27
26
28
25
24
23
22
21
20
19
18
17
16
15
OE
28-TSOP
A11
A9
A8
A13
WE
VCC
A3
A14
A12
A7
A6
A5
A4
A10
CS
I/O8
I/O7
I/O6
I/O5
I/O4
VSS
I/O3
I/O2
I/O1
A0
A1
A2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
27
26
28
25
24
23
22
21
20
19
18
17
16
15
OE
Type1 - Reverse
Precharge circuit.
Memory array
256 rows
128
×8 columns
I/O Circuit
Column select
Clk gen.
Row
select
A10 A3
A0
A1
A2
A11
A9
A13
A8
A12
A14
A4
A5
A7
CS
WE
I/O1
Data
cont
Data
cont
OE
I/O8
A6
Control
logic


Número de pieza similar - KM62U256DLTGI-7L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KM62U256CLG-10L SAMSUNG-KM62U256CLG-10L Datasheet
90Kb / 12P
   32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
KM62U256CLG-8L SAMSUNG-KM62U256CLG-8L Datasheet
90Kb / 12P
   32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
KM62U256CLRG-10L SAMSUNG-KM62U256CLRG-10L Datasheet
90Kb / 12P
   32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
KM62U256CLRG-8L SAMSUNG-KM62U256CLRG-8L Datasheet
90Kb / 12P
   32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
KM62U256CLTG-10L SAMSUNG-KM62U256CLTG-10L Datasheet
90Kb / 12P
   32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
More results

Descripción similar - KM62U256DLTGI-7L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
K6X0808T1D SAMSUNG-K6X0808T1D Datasheet
153Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6T0808C1D SAMSUNG-K6T0808C1D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256D SAMSUNG-KM62256D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X0808C1D SAMSUNG-K6X0808C1D Datasheet
166Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256C SAMSUNG-KM62256C Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CL SAMSUNG-KM62256CL Datasheet
162Kb / 10P
   32Kx8 bit Low Power CMOS Static RAM
KM62V256C SAMSUNG-KM62V256C Datasheet
90Kb / 12P
   32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
logo
NanoAmp Solutions, Inc.
ES62UL256 NANOAMP-ES62UL256 Datasheet
57Kb / 6P
   32Kx8 Bit Ultra-Low Power Asynchronous Static RAM
logo
Samsung semiconductor
K6X4016T3F SAMSUNG-K6X4016T3F Datasheet
138Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
K6T2008V2A SAMSUNG-K6T2008V2A Datasheet
194Kb / 10P
   256Kx8 bit Low Power and Low Voltage CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com