Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74GTLP2034DGVRE4 Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza 74GTLP2034DGVRE4
Descripción Electrónicos  8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

74GTLP2034DGVRE4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button 74GTLP2034DGVRE4 Datasheet HTML 5Page - Texas Instruments 74GTLP2034DGVRE4 Datasheet HTML 6Page - Texas Instruments 74GTLP2034DGVRE4 Datasheet HTML 7Page - Texas Instruments 74GTLP2034DGVRE4 Datasheet HTML 8Page - Texas Instruments 74GTLP2034DGVRE4 Datasheet HTML 9Page - Texas Instruments 74GTLP2034DGVRE4 Datasheet HTML 10Page - Texas Instruments 74GTLP2034DGVRE4 Datasheet HTML 11Page - Texas Instruments 74GTLP2034DGVRE4 Datasheet HTML 12Page - Texas Instruments 74GTLP2034DGVRE4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
SN74GTLP2034
8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER
WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SCES353C – JUNE 2001 – REVISED SEPTEMBER 2001
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range for GTLP
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 3.15 V,
II = –18 mA
–1.2
V
VCC = 3.15 V to 3.45 V,
IOH = –100 µA
VCC–0.2
VOH
AO
VCC = 3 15 V
IOH = –12 mA
2.4
V
VCC = 3.15 V
IOH = –24 mA
2
VCC = 3.15 V to 3.45 V,
IOL = 100 µA
0.2
AO
VCC = 3 15 V
IOL = 12 mA
0.4
VOL
VCC = 3.15 V
IOL = 24 mA
0.5
V
VOL
IOL = 10 mA
0.2
V
B port
VCC = 3.15 V
IOL = 64 mA
0.4
IOL = 100 mA
0.55
II‡
AI and
control inputs
VCC = 3.45 V,
VI = 0 or 5.5 V
±10
µA
I
AO
VCC = 3.45 V,
VO = 0 to 5.5 V
±10
µA
IOZ‡
B port
VCC = 3.45 V, VREF within 0.6 V of VTT,
VO = 0 to 2.3 V
±10
µA
VCC = 3.45 V, IO = 0,
Outputs high
40
ICC
AO or B port
VCC = 3.45 V, IO = 0,
VI (A-port or control input) = VCC or GND,
Outputs low
40
mA
VI (B port) = VTT or GND
Outputs disabled
40
∆ICC§
VCC = 3.45 V, One AI or control input at VCC – 0.6 V,
Other AI or control inputs at VCC or GND
1.5
mA
Ci
AI
VI =3 15Vor0
3.5
4.5
pF
Ci
Control inputs
VI = 3.15 V or 0
3.5
5.5
pF
Co
AO
VO = 3.15 V or 0
5
6
pF
Cio
B port
VO = 1.5 V or 0
8.5
10
pF
† All typical values are at VCC = 3.3 V, TA = 25°C.
‡ For I/O ports, the parameter IOZ includes the input leakage current.
§ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.
hot-insertion specifications for A port over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Ioff
VCC = 0,
VI or VO = 0 to 5.5 V
10
µA
IOZPU
VCC = 0 to 1.5 V,
VO = 0.5 V to 3 V,
OEBA = VCC
±30
µA
IOZPD
VCC = 1.5 V to 0,
VO = 0.5 V to 3 V,
OEBA = VCC
±30
µA
live-insertion specifications for B port over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Ioff
VCC = 0,
BIAS VCC = 0,
VI or VO = 0 to 1.5 V
10
µA
IOZPU
VCC = 0 to 1.5 V, BIAS VCC = 0, VO = 0.5 V to 1.5 V, OEAB = 0 and OEAB = VCC
±30
µA
IOZPD
VCC = 1.5 V to 0, BIAS VCC = 0, VO = 0.5 V to 1.5 V, OEAB = 0 and OEAB = VCC
±30
±30
µA
ICC
VCC = 0 to 3.15 V
BIAS VCC =3 15Vto3 45 V
VO (B port)=0to1 5V
5
mA
CC
(BIAS VCC)
VCC = 3.15 V to 3.45 V
BIAS VCC = 3.15 V to 3.45 V, VO (B port) = 0 to 1.5 V
10
µA
VO
VCC = 0,
BIAS VCC = 3.3 V,
IO = 0
0.95
1.05
V
IO
VCC = 0,
BIAS VCC = 3.15 V to 3.45 V, VO (B port) = 0.6 V
–1
µA


Número de pieza similar - 74GTLP2034DGVRE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74GTLP2033DGGRE4 TI-74GTLP2033DGGRE4 Datasheet
367Kb / 15P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
74GTLP2033DGVRE4 TI-74GTLP2033DGVRE4 Datasheet
367Kb / 15P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
More results

Descripción similar - 74GTLP2034DGVRE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74GTLP22033 TI1-SN74GTLP22033 Datasheet
645Kb / 21P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP22034 TI-SN74GTLP22034 Datasheet
366Kb / 20P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP2033 TI-SN74GTLP2033 Datasheet
367Kb / 15P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
logo
Fairchild Semiconductor
GTLP10B320 FAIRCHILD-GTLP10B320 Datasheet
261Kb / 12P
   10-Bit LVTTL/GTLP Transceiver with Split LVTTL Port and Feedback Path
logo
Texas Instruments
SN74GTLP1394 TI1-SN74GTLP1394_15 Datasheet
890Kb / 23P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1394 TI-SN74GTLP1394_07 Datasheet
741Kb / 25P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP21395 TI-SN74GTLP21395 Datasheet
438Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1395 TI-SN74GTLP1395 Datasheet
443Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
logo
Fairchild Semiconductor
GTLP1B151 FAIRCHILD-GTLP1B151 Datasheet
112Kb / 7P
   1-Bit LVTTL/GTLP Transceiver with Separate LVTTL Port and Feedback Path
logo
Texas Instruments
SN74GTLPH1645 TI1-SN74GTLPH1645_15 Datasheet
1Mb / 22P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com