Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


TC236 Datasheet(Hoja de datos) 2 Page - Texas Instruments

No. de Pieza. TC236
Descripción  680-×500-PIXEL CCD IMAGE SENSOR
Descarga  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

 
 2 page
background image
TC236
680-
× 500-PIXEL CCD IMAGE SENSOR
SOCS043A – JUNE 1994 – REVISED NOVEMBER 1994
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram
Image Area With
Blooming Protection
Dark Reference Elements
Storage Area
Clearing Drain
1
2
3
4
5
6
SUB
ODB
IAG2
ADB
OUT2
OUT1
Amplifiers
4 Dummy Elements
9
8
7
10
12
11
IAG1
SAG
SAG
SUB
SRG
RST
sensor topology diagram
Single-Phase Storage Area
Two-Phase Image-Sensing Area
422
Optical Black
(OPB)
4
22
658 Active Pixels
Dummy Pixels
658 Active Pixels
496 Lines
500 Lines
4 Dark Lines
22 Dark Reference Pixels
658 Active Pixels




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
ILX551B2048-pixel CCD Linear Sensor B/W 1 2 3 4 5 MoreSony Corporation
IBIS4-6600High resolution 6.6 M Pixel Rolling shutter CMOS Image sensor 1 2 3 4 5 MoreCypress Semiconductor
IA1208-FE10AColor image sensor heads for High-speed Scanner 1 2 3 4 5 MoreRohm
ADT7483ADual Channel Temperature Sensor and Over Temperature Alarm 1 2 3 4 5 MoreAnalog Devices
ADT7488ASST Digital Temperature Sensor and Voltage Monitor 1 2 3 4 5 MoreAnalog Devices
LM95234Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm™ Technology 1 2 3 4 5 National Semiconductor (TI)
LM95241Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm™ Technology 65nm/90nm 1 2 3 4 5 MoreNational Semiconductor (TI)
ADUC7032MicroConverter Integrated Precision Battery Sensor 1 2 3 4 5 MoreAnalog Devices
NCV1124Dual Variable−Reluctance Sensor Interface IC 1 2 3 4 5 MoreON Semiconductor
AD999212-Bit CCD Signal Processor with Precision Timing Generator 1 2 3 4 5 MoreAnalog Devices