Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSC2005 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No. de pieza TSC2005
Descripción Electrónicos  1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI Interface
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TSC2005 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button TSC2005 Datasheet HTML 6Page - Burr-Brown (TI) TSC2005 Datasheet HTML 7Page - Burr-Brown (TI) TSC2005 Datasheet HTML 8Page - Burr-Brown (TI) TSC2005 Datasheet HTML 9Page - Burr-Brown (TI) TSC2005 Datasheet HTML 10Page - Burr-Brown (TI) TSC2005 Datasheet HTML 11Page - Burr-Brown (TI) TSC2005 Datasheet HTML 12Page - Burr-Brown (TI) TSC2005 Datasheet HTML 13Page - Burr-Brown (TI) TSC2005 Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
www.ti.com
OVERVIEW
X+
Y+
X-
Y-
AuxilaryInput
AGND
AGND
TSC2005
SNSGND
DGND
1 F
m
1.6VDC
0.1 F
m
Touch
Screen
GPIO
GPIO
SDI
SCLK
SDO
CS
Host
Processor
PINTDAV
RESET
SDO
SCLK
1 F
m
0.1 F
m
1 F
m
0.1 F
m
(
isoptional;
softwareimplementation
pollingoftheStatus
registerispossible)
PINTDAV
TSC2005
SBAS379 – DECEMBER 2006
The TSC2005 is an analog interface circuit for a human interface device. A register-based architecture eases
integration with microprocessor-based systems through a standard SPI bus. All peripheral functions are
controlled through the registers and onboard state machines. The TSC2005 features include:
• Very low-power touch screen controller
• Very small onboard footprint
• Relieves host from tedious routine tasks by flexible preprocessing, saving resources for more critical tasks
• Ability to work on very low supply voltage
• Minimal connection interface allows easiest isolation and reduces the number of dedicated I/O pins required
• Miniature, yet complete; requires no external supporting component. (NOTE: Although the TSC2005 can use
an external reference, it is also possible to use SNSVDD as the reference.)
• Enhanced ESD up to 6kV
The TSC2005 consists of the following blocks (refer to the block diagram on the front page):
• Touch Screen Interface
• Auxiliary Input (AUX)
• Temperature Sensor
• Acquisition Activity Preprocessing
• Internal Conversion Clock
• SPI Interface
Communication to the TSC2005 is done via an SPI serial interface. The TSC2005 is an SPI slave device;
therefore, data is shifted into or out of the TSC2005 under control of the host microprocessor, which also
provides the serial data clock.
Control of the TSC2005 and its functions is accomplished by writing to different registers in the TSC2005. A
simple command protocol compatible with SPI is used to address these registers. A simple serial command
protocol, compatible with SPI, is used to address these registers.
The measurement result is placed in the TSC2005 registers and may be read by the host at any time. This
preprocessing frees up the host so that resources can be redirected for more critical tasks. Two optional signals
are also available from the TSC2005 to indicate that data is available for the host to read. PINTDAV is a
programmable interrupt/status output pin that can be programmed to indicate a pen-touch, data available, or the
combination of both. Figure 19 shows a typical application of the TSC2005.
Figure 19. Typical Circuit Configuration
10
Submit Documentation Feedback


Número de pieza similar - TSC2005

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
TSC2005 BURR-BROWN-TSC2005 Datasheet
768Kb / 44P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2005I BURR-BROWN-TSC2005I Datasheet
768Kb / 44P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2005IYZLR BURR-BROWN-TSC2005IYZLR Datasheet
768Kb / 44P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2005IYZLT BURR-BROWN-TSC2005IYZLT Datasheet
768Kb / 44P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2005 BURR-BROWN-TSC2005_07 Datasheet
768Kb / 44P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
More results

Descripción similar - TSC2005

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
TSC2005 BURR-BROWN-TSC2005_07 Datasheet
768Kb / 44P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
logo
Texas Instruments
TSC2006 TI-TSC2006 Datasheet
1Mb / 46P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2006 TI1-TSC2006_14 Datasheet
1Mb / 50P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2008 TI-TSC2008 Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008 TI-TSC2008_08 Datasheet
920Kb / 37P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008-Q1 TI1-TSC2008-Q1 Datasheet
881Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
logo
Burr-Brown (TI)
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Texas Instruments
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com