Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL2150KG Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

No. de pieza SL2150KG
Descripción Electrónicos  Front End Power Splitter with AGC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZARLINK [Zarlink Semiconductor Inc]
Página de inicio  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL2150KG Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  SL2150KG Datasheet HTML 1Page - Zarlink Semiconductor Inc SL2150KG Datasheet HTML 2Page - Zarlink Semiconductor Inc SL2150KG Datasheet HTML 3Page - Zarlink Semiconductor Inc SL2150KG Datasheet HTML 4Page - Zarlink Semiconductor Inc SL2150KG Datasheet HTML 5Page - Zarlink Semiconductor Inc SL2150KG Datasheet HTML 6Page - Zarlink Semiconductor Inc SL2150KG Datasheet HTML 7Page - Zarlink Semiconductor Inc SL2150KG Datasheet HTML 8Page - Zarlink Semiconductor Inc SL2150KG Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SL2150F
Data Sheet
SEMICMF.019
2
Figure 2 - Pin Allocation
1.0
Quick Reference Data
NB all data applies with differential termination and single ended source both of 75
Ω.
*132 channel matrix at +15 dBmV per channel, 75
Ω source impedance, all paths, max gain.
Characteristics
Units
RF input operating range
50-860
MHz
Conversion gain, with external load as in Figure 12
maximum
minimum
5.5
-25
dB
dB
Input NF, all signal paths at maximum conversion gain
7
dB
IPIP3, all paths
127
dB
µV
IPIP2, all paths
151
dB
µV
CTB*
-66
dBc
CSO*
-64
dBc
CXM*
-66
dBc
Input impedance
75
Input VSWR
8
dB
Output impedance differential, all loops (requires external load for example
as in Figure 12)
440
Input to output isolation (all loops)
30
dB
Output to output isolation (all loops)
25
dB
Table 1 - Quick Reference Data
SL2150F
Vee
Vee
RFOUT4
RFOUT4B
Vcc
Vcc
Vcc
Vee
Vee
RFOUT3
RFOUT3B
NC#
AGC4
AGC3
VEE
(PACKAGE
PADDLE)
LH28
# Pins marked NC should be connected to Vee
1


Número de pieza similar - SL2150KG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zarlink Semiconductor I...
SL2150KG ZARLINK-SL2150KG Datasheet
319Kb / 16P
   Cable Tuner Front End LNA with AGC
More results

Descripción similar - SL2150KG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zarlink Semiconductor I...
SL1914AKG ZARLINK-SL1914AKG Datasheet
118Kb / 9P
   SATELLITE TUNER FRONT END LNA WITH AGC
SL2150D ZARLINK-SL2150D Datasheet
319Kb / 16P
   Cable Tuner Front End LNA with AGC
logo
Mitel Networks Corporat...
SL1914 MITEL-SL1914 Datasheet
84Kb / 6P
   Satellite Tuner Front End LNA with AGC
logo
Power-One
FXP6000 POWER-ONE-FXP6000 Datasheet
359Kb / 8P
   Distributed Power Front-End
FXC6000 POWER-ONE-FXC6000 Datasheet
124Kb / 4P
   Distributed Power Front-End
FXC7000 POWER-ONE-FXC7000 Datasheet
123Kb / 4P
   Distributed Power Front-End
FXP7000 POWER-ONE-FXP7000 Datasheet
357Kb / 8P
   Distributed Power Front-End
logo
Analog Devices
AD73411 AD-AD73411_15 Datasheet
351Kb / 36P
   Low-Power Analog Front End with DSP Microcomputer
REV. 0
logo
Skyworks Solutions Inc.
SE5012T SKYWORKS-SE5012T Datasheet
550Kb / 10P
   5 GHz Front-End Module with Power Detector
logo
Analog Devices
AD73411 AD-AD73411 Datasheet
351Kb / 36P
   Low-Power Analog Front End with DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com