Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDB4391A Datasheet(PDF) 5 Page - Cirrus Logic

No. de pieza CDB4391A
Descripción Electrónicos  Evaluation Board for CS4391A
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4391A Datasheet(HTML) 5 Page - Cirrus Logic

  CDB4391A Datasheet HTML 1Page - Cirrus Logic CDB4391A Datasheet HTML 2Page - Cirrus Logic CDB4391A Datasheet HTML 3Page - Cirrus Logic CDB4391A Datasheet HTML 4Page - Cirrus Logic CDB4391A Datasheet HTML 5Page - Cirrus Logic CDB4391A Datasheet HTML 6Page - Cirrus Logic CDB4391A Datasheet HTML 7Page - Cirrus Logic CDB4391A Datasheet HTML 8Page - Cirrus Logic CDB4391A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
CDB4391A
DS600DB1
5
4. CS8414 DATA FORMAT
The CS8414 data format can be set with switches M0, M1, M2, and M3, as described in the CS8414 data
sheet. The format selected must be compatible with the data format of the CS4391A, as shown in the
CS4391A data sheet. Please note that the CS8414 does not support all the possible modes of the CS4391A
and the Left-Justified Format for the CS8414 and the CS4391A have incompatible serial clocks, see
Table 1. The default settings for M0-M3 on the evaluation board are given in Tables 3-4.
5. INPUT/OUTPUT FOR CLOCKS AND DATA
The evaluation board has been designed to allow interfacing to external systems via the 10-pin header, J9.
This header allows the evaluation board to accept externally generated clocks and data. The schematic for
the clock/data I/O is shown in Figure 9. The 74HC243 transceiver functions as an I/O buffer where HRD1
through HRD6 determine if the transceiver operates as a transmitter or receiver. A transmit function is im-
plemented with all jumpers, HRD1 through HDR6 in the 8414 position. LRCK, SDATA, and SCLK from
the CS8414 will be outputs on J9. The transceiver operates as a receiver with HRD1 through HDR6 in the
EXT_CLK position. MCLK, LRCK, SDATA and SCLK on J9 become inputs.
6. POWER SUPPLY CIRCUITRY
Power is supplied to the evaluation board by six binding posts (GND, +5V(J6), +5V(J1), VL, VCC and
VEE), see Figure 10. The +5V(J6) input supplies power to the +5 volt digital circuitry (V+5, VD+5, VD-
PC+5), while the VL input supplies power to the Voltage Level Converters and the CS4391A VL pin.
+5V(J1) supplies power to the CS4391A. VCC and VEE supply power to the op-amp and can be +/-9 to
+/-12 volts.
WARNING:
Refer to the CS4391A data sheet for maximum allowable voltages levels. Operation outside
of this range can cause permanent damage to the device.
7. GROUNDING AND POWER SUPPLY DECOUPLING
The CS4391A requires careful attention to power supply and grounding arrangements to optimize perfor-
mance. Figure 10 details the power distribution used on this board. The decoupling capacitors are located
as close to the CS4391A as possible. Extensive use of ground plane fill in the evaluation board yields large
reductions in radiated noise.
CS4391A CP
Mode Format
CS4391A SA
Mode Format
CS8414
Format
0
0
Unsupported
11
2
22
5
3
3
Unsupported
4
-
Unsupported
5-
6
Table 1. CS8414 Supported Formats


Número de pieza similar - CDB4391A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CDB4391 CIRRUS-CDB4391 Datasheet
576Kb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CDB4391 CIRRUS-CDB4391 Datasheet
823Kb / 38P
   24-Bit, 192 kHz Stereo DAC with Volume Control
More results

Descripción similar - CDB4391A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CDB5345 CIRRUS-CDB5345 Datasheet
1Mb / 27P
   Evaluation Board for CS5345
logo
STMicroelectronics
STR720-EVAL STMICROELECTRONICS-STR720-EVAL Datasheet
807Kb / 32P
   Evaluation Board for STR72xF
logo
Cirrus Logic
CDB5364 CIRRUS-CDB5364 Datasheet
1Mb / 24P
   Evaluation Board for CS5364
CDB3318 CIRRUS-CDB3318 Datasheet
1Mb / 16P
   Evaluation Board for CS3318
CDB4361 CIRRUS-CDB4361 Datasheet
1Mb / 26P
   Evaluation Board for CS4361
CDB4352 CIRRUS-CDB4352 Datasheet
823Kb / 21P
   Evaluation Board for CS4352
logo
Analog Devices
AD8250-EVALZ AD-AD8250-EVALZ_15 Datasheet
204Kb / 4P
   EVALUATION BOARD FOR G
REV. 0
AD8251-EVALZ AD-AD8251-EVALZ_15 Datasheet
197Kb / 4P
   Evaluation Board for G
REV. 0
logo
STMicroelectronics
STR910-EVAL STMICROELECTRONICS-STR910-EVAL Datasheet
89Kb / 3P
   Evaluation board for STR91xF
STR710-EVAL STMICROELECTRONICS-STR710-EVAL Datasheet
730Kb / 27P
   Evaluation Board for STR71xF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com