|
| CRD5376 |
|
||
|
CIRRUS |
|
6 page
CRD5376 6 DS612RD1 1.2.1 Default Jumper Settings * indicates the default jumper installation for CRD5376. Amplifier CS3301 CS3302 CH1 U16 *R128 + *R84 R129 CH2 U2 *R86 + *R92 R87 CH3 U33 R95 + R132 *R94 CH4 U3 R58 + R100 *R59 Table 1. Amplifier Pin 13 Jumper Settings CS5376A uController MCLK/2 SDTKI *R74 R83 Table 2. SDTKI Input Jumper Settings Component NPWR LPWR U16 CS3301 *R61 R60 U2 CS3301 *R89 R88 U33 CS3302 *R97 R96 U3 CS3302 *R71 R70 U24 CS5372 *R76 R75 U29 CS5372 *R77 R78 U45 CS4373A *R81 R80 Table 3. Analog Components LPWR Jumper Settings Input Clock Jumper 1.024 MHz *R16 2.048 MHz R18 4.096 MHz R82 Table 4. PLL Clock Input Jumper Settings |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| BCM97318AVC | IP SET-TOP BOX REFERENCE DESIGN | 1 2 | Broadcom Corporation. |
| CRD4202-1 | AC 97 Six Channel CNR Audio Reference Design | 1 2 3 4 5 More | Cirrus Logic |
| CRD4202-2 | AC 97 Six Channel CNR Audio Reference Design with PLL | 1 2 3 4 5 More | Cirrus Logic |
| CRD4299-1 | AC 97 AMR Reference Design | 1 2 3 4 5 More | Cirrus Logic |
| CRD4412 | 2 x 15 W Digital Power Stage Reference Design | 1 2 3 4 5 More | Cirrus Logic |
| CRD4525 | 2 x 15 W Digital Amplifier Reference Design | 1 2 3 4 5 More | Cirrus Logic |
| CDB5376 | Multichannel Seismic Evaluation System | 1 2 3 4 5 More | Cirrus Logic |
| ZR4040-25 | PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE | 1 2 3 4 | Zetex Semiconductors |
| ADCMP341 | Dual Comparators with 400mV Reference and programmable Hysteresis | 1 2 3 4 5 More | Analog Devices |
| ADCMP361 | Single Comparator with 400mV Reference and Dual Polarity Outputs | 1 2 3 4 5 More | Analog Devices |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |