Nombre de pieza
         Descripción
CRD5376

 Multichannel Seismic Reference Design ( 68 Page)


CIRRUS
100% 
Zoom Out Zoom In
 
 4 page
background image
CRD5376
4
DS612RD1
LIST OF FIGURES
LIST OF TABLES
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
BCM97318AVCIP SET-TOP BOX REFERENCE DESIGN 1 2 Broadcom Corporation.
CRD4202-1AC 97 Six Channel CNR Audio Reference Design 1 2 3 4 5 MoreCirrus Logic
CRD4202-2AC 97 Six Channel CNR Audio Reference Design with PLL 1 2 3 4 5 MoreCirrus Logic
CRD4299-1AC 97 AMR Reference Design 1 2 3 4 5 MoreCirrus Logic
CRD44122 x 15 W Digital Power Stage Reference Design 1 2 3 4 5 MoreCirrus Logic
CRD45252 x 15 W Digital Amplifier Reference Design 1 2 3 4 5 MoreCirrus Logic
CDB5376Multichannel Seismic Evaluation System 1 2 3 4 5 MoreCirrus Logic
ZR4040-25PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE 1 2 3 4 Zetex Semiconductors
ADCMP341Dual Comparators with 400mV Reference and programmable Hysteresis 1 2 3 4 5 MoreAnalog Devices
ADCMP361Single Comparator with 400mV Reference and Dual Polarity Outputs 1 2 3 4 5 MoreAnalog Devices