Nombre de pieza
         Descripción
IRG4PC50FPBF

 Fast Speed IGBT - INSULATED GATE BIPOLAR TRANSISTOR ( 8 Page)


IRF
100% 
Zoom Out Zoom In
   
 1 page
background image
Parameter
Max.
Units
VCES
Collector-to-Emitter Breakdown Voltage
600
V
IC @ TC = 25°C
Continuous Collector Current
70
IC @ TC = 100°C
Continuous Collector Current
39
A
ICM
Pulsed Collector Current 
280
ILM
Clamped Inductive Load Current ‚
280
VGE
Gate-to-Emitter Voltage
± 20
V
EARV
Reverse Voltage Avalanche Energy ƒ
20
mJ
PD @ TC = 25°C
Maximum Power Dissipation
200
PD @ TC = 100°C
Maximum Power Dissipation
78
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (0.063 in. (1.6mm from case )
°C
Mounting torque, 6-32 or M3 screw.
10 lbf•in (1.1N•m)
IRG4PC50FPbF
Fast Speed IGBT
INSULATED GATE BIPOLAR TRANSISTOR
PD - 95398
E
C
G
n-channel
TO-247AC
Features
• Optimized for medium operating
frequencies ( 1-5 kHz in hard switching, >20
kHz in resonant mode).
• Generation 4 IGBT design provides tighter
parameter distribution and higher efficiency than
Generation 3
• Industry standard TO-247AC package
• Generation 4 IGBT's offer highest efficiency available
• IGBT's optimized for specified application conditions
• Designed to be a "drop-in" replacement for equivalent
industry-standard Generation 3 IR IGBT's
Benefits
VCES=600V
VCE(on) typ. = 1.45V
@VGE = 15V, IC = 39A
6/16/04
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.64
RθCS
Case-to-Sink, Flat, Greased Surface
0.24
–––
°C/W
RθJA
Junction-to-Ambient, typical socket mount
–––
40
Wt
Weight
6 (0.21)
–––
g (oz)
Thermal Resistance
Absolute Maximum Ratings
W
www.irf.com
1
• Lead-Free
1  2  3  4  5  6  7  8 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
IRG4PC60F-PPBFINSULATED GATE BIPOLAR TRANSISTOR Fast Speed IGBT 1 2 3 4 5 MoreInternational Rectifier
IRGMIC50UUltra Fast Speed IGBT 1 2 International Rectifier
IXBH42N170ABIMOSFET Monolithic Bipolar MOS Transistor 1 2 IXYS Corporation
2SC2525Silicon High Speed Power Transistor 1 2 Fujitsu Component Limited.
AD73288-Channel Software-Selectable True Bipolar Input 12-Bit Plus Sign ADC 1 2 3 4 5 MoreAnalog Devices
NCP28921.3 Watt Audio Power Amplifier with Fast Turn On Time 1 2 3 4 5 MoreON Semiconductor
MAC15SSensitive Gate Triacs Silicon Bidirectional Thyristors 1 2 3 4 5 MoreON Semiconductor
DIM200PLM33-F000IGBT Chopper Module 1 2 3 4 5 MoreDynex Semiconductor
2MBI300U4H-170IGBT MODULE 1 2 3 4 5 MoreFuji Electric
KMI16Integrated rotational speed sensor 1 2 3 4 5 MoreNXP Semiconductors

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl