|
| BUS14A |
|
|||
|
SEME-LAB |
|
|
1 page
BUS14A Parameter Test Conditions Min. Typ. Max. Units V CEO* 450 V I C(CONT) 30 A h FE @ (V CE / IC) - f t Hz P D 250 W * Maximum Working Voltage This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk. Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use. Generated 1-Aug-02 TO3 (TO204AE) PINOUTS 1 – Base 2 – Emitter Case - Collector Bipolar NPN Device in a Hermetically sealed TO3 Metal Package. Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk Dimensions in mm (inches). 12 3 (case) 25.15 (0.99) 26.67 (1.05) 10.67 (0.42) 11.18 (0.44) 3.84 (0.151) 4.09 (0.161) 7.92 (0.312) 12.70 (0.50) 6.35 (0.25) 9.15 (0.36) 1.52 (0.06) 3.43 (0.135) |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| X150FG | AXIAL LEADED HERMETICALLY SEALED | 1 2 | List of Unclassifed Manufacturers |
| 1N708A | Hermetically Sealed Axial Lead Silicon Zener Diodes | 1 | Central Semiconductor Corp |
| AD7328 | 8-Channel Software-Selectable True Bipolar Input 12-Bit Plus Sign ADC | 1 2 3 4 5 More | Analog Devices |
| XN0A312 | Silicon NPN epitaxial planar type Tr1 | 1 2 3 4 5 | Panasonic Semiconductor |
| BFG25A | NPN 5 GHz wideband transistor | 1 2 3 4 5 More | NXP Semiconductors |
| 2N6251 | High Voltage NPN Silicon Power Transistors | 1 2 3 4 5 More | Motorola, Inc |
| AD7329 | 1 MSPS 8-Channel Software-Selectable True Bipolar Input 12-Bit Plus Sign ADC | 1 2 3 4 5 More | Analog Devices |
| XN05501 | Silicon NPN epitaxial planar type For general amplification | 1 2 3 | Panasonic Semiconductor |
| BFG325 | NPN 14 GHz wideband transistor | 1 2 3 4 5 More | NXP Semiconductors |
| SWW1156-213 | NPN Transistor | 1 2 3 4 | List of Unclassifed Manufacturers |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |