Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA1980Q Datasheet(PDF) 11 Page - Sony Corporation

No. de pieza CXA1980Q
Descripción Electrónicos  Dolby B Type Noise Reduction System with Playback Equalizer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1980Q Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXA1980Q Datasheet HTML 7Page - Sony Corporation CXA1980Q Datasheet HTML 8Page - Sony Corporation CXA1980Q Datasheet HTML 9Page - Sony Corporation CXA1980Q Datasheet HTML 10Page - Sony Corporation CXA1980Q Datasheet HTML 11Page - Sony Corporation CXA1980Q Datasheet HTML 12Page - Sony Corporation CXA1980Q Datasheet HTML 13Page - Sony Corporation CXA1980Q Datasheet HTML 14Page - Sony Corporation CXA1980Q Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
—11—
CXA1980Q
Description of Operation
(1) Signal route
Fig. 1
Op1 and Op2 are operational amplifiers.
Op1 compose the playback equalizer by attaching a resistor and a capacitor to PBFB pin, and a capacitor
to PBTC pin.
Op2 is an input selector and a LINEOUT amplifier. The gain of LINEOUT amplifier is 24 dB.
Reference input level for Dolby is –30 dBm.
The adjustment method of playback equalizer is described in the paragraph (3).
(2) Level diagram
Fig. 2
Op2
4dB
20dB
20dB
AUX
TAPE
Op1
PBFB PBTC
PBOUT
Dolby level
(–30dBm)
TAPEIN
(–6dBm)
LINEOUT
PBIN
F
R
NR
–10
–15
–20
–25
–30
–35
–40
–45
–50
–55
–60
–65
–70
–75
P
B
I
N
VR adjustment
–30dBm
–30dBm
–6dBm
Dolby level
–70dBm
–5
P
B
O
U
T
T
A
P
E
I
N
L
I
N
E
O
U
T
0dBm


Número de pieza similar - CXA1980Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA1982Q SONY-CXA1982Q Datasheet
652Kb / 30P
   RF Signal Processing Servo Amplifier for CD players
More results

Descripción similar - CXA1980Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA1580Q SONY-CXA1580Q Datasheet
351Kb / 17P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1910Q SONY-CXA1910Q Datasheet
387Kb / 18P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1897Q SONY-CXA1897Q Datasheet
396Kb / 22P
   Dolby B Type Noise Reduction System with Recording/Playback Equalizer
CXA2510AQ SONY-CXA2510AQ Datasheet
447Kb / 21P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA2560Q SONY-CXA2560Q Datasheet
310Kb / 19P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA1911Q SONY-CXA1911Q Datasheet
334Kb / 18P
   Dolby B/C Type Noise Reduction System with Playback Equalizer
CXA2511AQ SONY-CXA2511AQ Datasheet
565Kb / 21P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA2561Q SONY-CXA2561Q Datasheet
324Kb / 20P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA1878Q SONY-CXA1878Q Datasheet
1Mb / 36P
   Dolby B-C Type Noise Reduction System with Recording/Playback Equalizer Amplifier
CXA2502M SONY-CXA2502M Datasheet
209Kb / 11P
   Dolby B-C Type Noise Reduction System for Playback
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com