Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK2499-Z Datasheet(PDF) 2 Page - NEC

No. de pieza 2SK2499-Z
Descripción Electrónicos  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

2SK2499-Z Datasheet(HTML) 2 Page - NEC

  2SK2499-Z Datasheet HTML 1Page - NEC 2SK2499-Z Datasheet HTML 2Page - NEC 2SK2499-Z Datasheet HTML 3Page - NEC 2SK2499-Z Datasheet HTML 4Page - NEC 2SK2499-Z Datasheet HTML 5Page - NEC 2SK2499-Z Datasheet HTML 6Page - NEC 2SK2499-Z Datasheet HTML 7Page - NEC 2SK2499-Z Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SK2499, 2SK2499-Z
2
ELECTRICAL CHARACTERISTICS (TA = 25 ˚C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
TEST CONDITIONS
Drain to Source On-State Resistance
RDS(on)1
7.3
9.0
VGS = 10 V, ID = 25 A
RDS(on)2
11
14
VGS = 4 V, ID = 25 A
Gate to Source Cutoff Voltage
VGS(off)
1.0
1.5
2.0
VDS = 10 V, ID = 1 mA
Forward Transfer Admittance
| yfs |
20
58
VDS = 10 V, ID = 25 A
Drain Leakage Current
IDSS
10
VDS = 60 V, VGS = 0
Gate to Source Leakage Current
IGSS
±10
VGS =
±20 V, VDS = 0
Input Capacitance
Ciss
3 400
VDS = 10 V
Output Capacitance
Coss
1 600
VGS = 0
Reverse Transfer Capacitance
Crss
770
f = 1 MHz
Turn-On Delay Time
td(on)
55
ID = 25 A
Rise Time
tr
360
VGS(on) = 10 V
Turn-Off Delay Time
td(off)
480
VDD = 30 V
Fall Time
tf
360
RG = 10
Total Gate Charge
QG
152
ID = 50 A
Gate to Source Charge
QGS
11
VDD = 48 V
Gate to Drain Charge
QGD
60
VGS = 10 V
Body Diode Forward Voltage
VF(S-D)
0.92
IF = 50 A, VGS = 0
Reverse Recovery Time
trr
105
IF = 50 A, VGS = 0
Reverse Recovery Charge
Qrr
265
di/dt = 100 A/
µs
The application circuits and their parameters are for references only and are not intended for use in actual design-in's.
UNIT
m
m
V
S
µA
µA
pF
pF
pF
ns
ns
ns
ns
nC
nC
nC
V
ns
nC
Test Circuit 3 Gate Charge
VGS = 20
→ 0 V
PG
RG = 25
50
D.U.T.
L
VDD
Test Circuit 1 Avalanche Capability
PG.
RG = 10
D.U.T.
RL
VDD
Test Circuit 2 Switching Time
RG
PG.
IG = 2 mA
50
D.U.T.
RL
VDD
ID
VDD
IAS
VDS
BVDSS
Starting Tch
VGS
0
t = 1 s
Duty Cycle
≤ 1 %
VGS
Wave Form
ID
Wave Form
VGS
ID
10 %
10 %
0
0
90 %
90 %
90 %
10 %
VGS (on)
ID
ton
toff
td (on)
tr
td (off)
tf
t
µ


Número de pieza similar - 2SK2499-Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
2SK2499-Z ISC-2SK2499-Z Datasheet
400Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - 2SK2499-Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8