Nombre de pieza
         Descripción
CA3028A

 Differential/Cascode Amplifiers for Commercial and Industrial Equipment from DC to 120MHz ( 12 Page)


HARRIS
100% 
Zoom Out Zoom In
 6 page
background image
7-11
NOTES:
17. For Power Gain Test.
18. For Noise Figure Test.
FIGURE 7. POWER GAIN AND NOISE FIGURE TEST CIRCUIT
(DIFFERENTIAL AMPLIFIER CONFIGURATION)
FOR CA3028A AND CA3028B
FIGURE 8. OUTPUT POWER TEST CIRCUIT FOR CA3028A
AND CA3028B
FIGURE 9. AGC RANGE TEST CIRCUIT (DIFFERENTIAL
AMPLIFIER) FOR CA3028A AND CA3028B
FIGURE 10. TRANSFER CHARACTERISTIC (VOLTAGE GAIN) TEST
CIRCUIT (10.7MHz) CASCODE CONFIGURATION FOR
CA3028A, CA3028B AND CA3053
Test Circuits (Continued)
ICUT
6
1
5
50
Ω SIGNAL
SOURCE
(NOTE 17) OR
NOISE DIODE
50
Ω RF
VOLTMETER
(NOTE 17) OR
NOISE AMP
(NOTE 18)
C2
C1
L1
(NOTE 18)
0.001
µF
2k
7
VCC
L2
1k
f
(MHz)
C1
(pF)
C2
(pF)
L1
(
µH)
L2
(
µH)
10.7
30 - 60 20 - 50
3 - 6
3 - 6
100
2 - 15
2 - 15
0.2 - 0.5
0.2 - 0.5
3
8
5k
ICUT
6
7
8
5
1
3
0.01
50
0.01
µF
OUTPUT
VCC
50
2k
INPUT
1k
0.01
µF
VCC
0.01
µF
µF
ICUT
6
1
5
C2
C1
L1
2k
7
VCC
L2
1k
f
(MHz)
C1
(pF)
C2
(pF)
L1
(
µH)
L2
(
µH)
10.7
30 - 60 20 - 50
3 - 6
3 - 6
100
2 - 15
2 - 15
0.2 - 0.5
0.2 - 0.5
3
8
5k
50
Ω RF
VOLTMETER
50
SIGNAL
SOURCE
0.001
µF
ICUT
6
1
8
3
7
0.01
µF
2
INPUT
0.01
µF
50
4
5
0.01
µF
2k
0.01
µF
1k
Ω LOAD
10
OUTPUT
1k
VCC
CA3028A, CA3028B, CA3053
1  2  3  4  5  6  7  8  9  10  11  12 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
DL126TRSTape & Reel and Packaging Specifications for Small-Signal Transistors FETs and Diodes 1 2 3 4 5 MoreON Semiconductor
ACF321825-223-T3-Terminal Filters for Signal Line and DC Power Line SMD 1 2 TDK Electronics
HFBR-4531Crimpless Connectors for Plastic Optical Fiber and Versatile Link 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HEDS-51X0Two and Three Channel Codewheels for Use with Agilent Optical Encoder Modules 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
LA7565EIF Signal-Processing IC for PAL/NTSC Multi-System Audio TV and VCR Products 1 2 3 4 5 MoreSanyo Semicon Device
MN3611REColor CCD Linear Image Sensor with 720 Pixels each for R G and B Colors 1 2 3 4 5 MorePanasonic Semiconductor
MN3674Color CCD Linear Image Sensor with 512 Pixels for R and B Colors/1024 Pixels for G Color 1 2 3 4 5 MorePanasonic Semiconductor
2ED020I12-FDual IGBT Driver IC for eupec Low and Medium Power IGBT Modules 1 2 3 4 5 Moreeupec GmbH
TCA660BCONTRAST SATURATION AND BRIGHTNESS CONTROL CIRCUIT FOR COLOUR DIFFERENCE AND LUMINANCE SIGNALS 1 2 3 4 5 MoreNXP Semiconductors
HFBR-RXXYYYPlastic Optical Fiber Cable and Accessories for Versatile Link 1 2 3 4 5 MoreAgilent(Hewlett-Packard)

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl