Nombre de pieza
         Descripción
CA3028A

 Differential/Cascode Amplifiers for Commercial and Industrial Equipment from DC to 120MHz ( 12 Page)


HARRIS
100% 
Zoom Out Zoom In
 
 4 page
background image
7-9
Max Peak-to-Peak
Output Voltage at f = 1kHz
(Figure 12)
VO(P-P) VCC = 6V, VEE = -6V,
RL = 2kΩ
-
-
-
7.0
11.5
-
-
-
-
VP-P
VCC = 12V, VEE = -12V,
RL = 1.6kΩ
---
15
23
-
---
VP-P
Bandwidth at -3dB Point
(Figure 12)
BW
VCC = 6V, VEE = -6V,
RL = 2kΩ
-
-
-
-
7.3
-
-
-
-
MHz
VCC = 12V, VEE = -12V,
RL = 1.6kΩ
-
-
-
-
8.0
-
-
-
-
MHz
Common Mode Input
Voltage Range
(Figure 13)
VCMR
VCC = 6V, VEE = -6V
-
-
-
-2.5
-3.2 to
-4.5
4-
-
-
V
VCC = 12V, VEE = -12V
-
-
-
-5.0
-7 to
-9
7-
-
-
V
Common Mode Rejec-
tion Ratio (Figure 13)
CMRR
VCC = 6V, VEE = -6V
-
-
-
60
110
-
-
-
-
dB
VCC = 12V, VEE = -12V
-
-
-
60
90
-
-
-
-
dB
Input Impedance at
f = 1kHz
ZIN
VCC = 6V, VEE = -6V
-
-
-
-
5.5
-
-
-
-
k
VCC = 12V, VEE = -12V
-
-
-
-
3.0
-
-
-
-
k
Peak-to-Peak Output
Current
IP-P
f = 10.7MHz,
eIN =
400mV,
Diff. Amp.
VCC = 9V
2.0
4.0
7.0
2.5
4.0
6.0
2.0
4.0
7.0
mA
VCC = 12V
3.5
6.0
10
4.5
6.0
8.0
3.5
6.0
10
mA
NOTE:
8. Does not apply to CA3053.
Electrical Specifications
TA = 25
oC (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
CA3028A
CA3028B
CA3053
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Test Circuits
NOTES:
9. Adjust R1 for VOUT = 0V ±0.1V.
10. Record Input Offset Voltage.
FIGURE 1. INPUT OFFSET VOLTAGE TEST CIRCUIT FOR
CA3028B
NOTE:
.
FIGURE 2. INPUT OFFSET CURRENT, INPUT BIAS CURRENT,
POWER DISSIPATION, AND QUIESCENT
OPERATING CURRENT TEST CIRCUIT FOR
CA3028A AND CA3028B
ICUT
5
7
3
6
8
3
µF
1
2.7
2.7
2.7
2.7
270
270
3V
-
+
R1
10
DC DIFF.
VOLTMETER
FLUKE TYPE
80 OR EQUIV.
3
µF
1k
1k
VCC
DC
VTVM
VIO
NOTE 10
NOTE 9
VEE
VOUT
Power Dissipation
I
3VEE
I
6
I
8
+
()V
CC
+
=
ICUT
5
7
3
6
8
3
µF
1
3
µF
VCC
VEE
I1
-
+
-
+
-
+
I6
I8
-
+
I5
I7
I3
-
+
-
+
CA3028A, CA3028B, CA3053
1  2  3  4  5  6  7  8  9  10  11  12 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
DL126TRSTape & Reel and Packaging Specifications for Small-Signal Transistors FETs and Diodes 1 2 3 4 5 MoreON Semiconductor
ACF321825-223-T3-Terminal Filters for Signal Line and DC Power Line SMD 1 2 TDK Electronics
HFBR-4531Crimpless Connectors for Plastic Optical Fiber and Versatile Link 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HEDS-51X0Two and Three Channel Codewheels for Use with Agilent Optical Encoder Modules 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
LA7565EIF Signal-Processing IC for PAL/NTSC Multi-System Audio TV and VCR Products 1 2 3 4 5 MoreSanyo Semicon Device
MN3611REColor CCD Linear Image Sensor with 720 Pixels each for R G and B Colors 1 2 3 4 5 MorePanasonic Semiconductor
MN3674Color CCD Linear Image Sensor with 512 Pixels for R and B Colors/1024 Pixels for G Color 1 2 3 4 5 MorePanasonic Semiconductor
2ED020I12-FDual IGBT Driver IC for eupec Low and Medium Power IGBT Modules 1 2 3 4 5 Moreeupec GmbH
TCA660BCONTRAST SATURATION AND BRIGHTNESS CONTROL CIRCUIT FOR COLOUR DIFFERENCE AND LUMINANCE SIGNALS 1 2 3 4 5 MoreNXP Semiconductors
HFBR-RXXYYYPlastic Optical Fiber Cable and Accessories for Versatile Link 1 2 3 4 5 MoreAgilent(Hewlett-Packard)

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl