Nombre de pieza
         Descripción
U2640B

 Intemittent- and Wipe/ Wash Control for Wiper Systems ( 10 Page)


ATMEL
100% 
Zoom Out Zoom In
 
 6 page
background image
U2640B
Rev. A4, 03-Apr-01
6 (10)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
6
8
10
12
14
16
18
VBatt (V)
Figure 3. Relay activation = f (VBatt)
0
1
2
3
4
5
6
7
8
9
10
6
8
10
12
14
16
18
VBatt (V)
Figure 4. Interval pause = f (VBatt)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
6
8
10
12
14
16
18
VBatt (V)
min
max
Figure 5. Pre-wash delay = f (VBatt)
0
1
2
3
4
5
6
7
8
9
10
6
8
10
12
14
16
18
VBatt (V)
min
max
Figure 6. After-wipe time = f (VBatt)
1  2  3  4  5  6  7  8  9  10 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
TSOP32230IR Receiver Modules for Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix
TSOP322IR Receiver Modules for Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix
TCA660BCONTRAST SATURATION AND BRIGHTNESS CONTROL CIRCUIT FOR COLOUR DIFFERENCE AND LUMINANCE SIGNALS 1 2 3 4 5 MoreNXP Semiconductors
HFBR-RXXYYYPlastic Optical Fiber Cable and Accessories for Versatile Link 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
2SD2402NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING 1 2 3 4 5 MoreNEC
ADA4411-3Integrated Triple Video Filter and Buffer with Selectable Cutoff Frequencies and Multiplexed Inputs for RGB HD/SD 1 2 3 4 5 MoreAnalog Devices
MSA-RM-1Replacement Relay Modules for MINI-SCREEN and MICRO-SCREEN Metal Boxes 1 List of Unclassifed Manufacturers
TMPN3150B1AFNeuron Chip For Distributed Intelligent Control Networks LONWORKS 1 2 3 4 5 MoreToshiba Semiconductor
BGY284Power amplifier with integrated control loop for GSM850 EGSM900 DCS1800 & PCS1900 1 2 3 4 5 MoreNXP Semiconductors
M62253AGPCharge Control IC for Li-Ion Batteries 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl