Nombre de pieza
         Descripción
BDX10

 Bipolar NPN Device in a Hermetically sealed TO3 Metal Package ( 1 Page)


SEME-LAB
100% 
Zoom Out Zoom In
   
 1 page
background image
BDX10
Bipolar NPN Device.
V
CEO =
60V
I
C = 15A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications.
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
60
V
I
C(CONT)
15
A
h
FE
@ 4/4 (V
CE / IC)
20
70
-
f
t
Hz
P
D
117
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
31-Jul-02
TO3 (TO204AA)
PINOUTS
1 – Base
2 – Emitter
Case - Collector
Bipolar NPN Device in a
Hermetically sealed TO3
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
12
3
(case)
25.15 (0.99)
26.67 (1.05)
10.67 (0.42)
11.18 (0.44)
3.84 (0.151)
4.09 (0.161)
7.92 (0.312)
12.70 (0.50)
6.35 (0.25)
9.15 (0.36)
1.52 (0.06)
3.43 (0.135)
1 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
BUS14ABipolar NPN Device in a Hermetically sealed TO3 Metal Package. 1 Seme LAB
ZXTDCM832MPPS Miniature Package Power Solutions DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR 1 2 3 4 5 MoreZetex Semiconductors
X150FGAXIAL LEADED HERMETICALLY SEALED 1 2 List of Unclassifed Manufacturers
1N708AHermetically Sealed Axial Lead Silicon Zener Diodes 1 Central Semiconductor Corp
IRG4PC50FPBFFast Speed IGBT - INSULATED GATE BIPOLAR TRANSISTOR 1 2 3 4 5 MoreInternational Rectifier
MLVS-0603This specification is applicable to Chip Metal Oxide Varistor in multilayer technology 1 List of Unclassifed Manufacturers
PBSS4220V20 V 2 A NPN low VCEsat BISS transistor 1 2 3 4 5 MoreNXP Semiconductors
PDTD113ENPN 500 mA 50 V resistor-equipped transistors; R1 = 1 k-ohm R2 = 1 k-ohm 1 2 3 4 5 MoreNXP Semiconductors
XEV9056 KBPS DAA in a PLCC Package 1 2 3 4 5 MoreList of Unclassifed Manufacturers
NUF4210MNLow Capacitance 4 Line EMI Filter with ESD Protection in DFN8 1.6 x 1.6 mm Package 1 2 3 4 ON Semiconductor

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl