Nombre de pieza
         Descripción
2SK2459N

 Switching (200V, 5A) ( 4 Page)


ROHM
100% 
Zoom Out Zoom In
   
 1 page
background image
FExternal dimensions (Units: mm)
110
Transistors
Switching (200V, 5A)
2SK2459N
FFeatures
1) Low on-resistance.
2) Fast switching speed.
3) Wide SOA (safe operating area).
4) Gate-source voltage (VGSS) guaran-
teed to be
±30V.
5) Easily designed drive circuits.
6) Easy to parallel.
FStructure
Silicon N-channel
MOSFET
FAbsolute maximum ratings (Ta = 25_C)
FPackaging specifications
1  2  3  4 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
NST489AMT1High Current Surface Mount NPN Silicon Low VCE sat Switching Transistor for Load Management in Portable Applications 1 2 3 4 ON Semiconductor
LT1977High Voltage 1.5A 500kHz Step-Down Switching Regulator with 100uA Quiescent Current 1 2 3 4 5 MoreLinear Technology
IRFG5210200V Combination 2N-2P-CHANNEL HEXFET MOSFET TECHNOLOGY 1 2 3 4 5 MoreInternational Rectifier
NUS5530MNIntegrated Power MOSFET with PNP Low VCE sat Switching Transistor 1 2 3 4 5 MoreON Semiconductor
LTH-301ANON-CONTACT SWITCHING 1 2 3 4 Lite-On Technology Corporation
PT78ST1001.5 Amp Positive Step-Down Integrated Switching Regulator 1 2 3 4 Texas Instruments
BAS16HHigh-speed switching diode in SOD123F package 1 2 3 4 5 MoreNXP Semiconductors
UPA1572HFAST SWITCHING N-CHANNEL SILICON POWER MOS FET ARRAY 1 2 3 4 NEC
ZXTDCM832MPPS Miniature Package Power Solutions DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR 1 2 3 4 5 MoreZetex Semiconductors
2SC2335NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING 1 2 3 4 5 MoreNEC

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl