Nombre de pieza
         Descripción
ISL6322

 Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications ( 41 Page)


INTERSIL
100% 
Zoom Out Zoom In
 
 2 page
background image
2
FN6328.0
August 21, 2006
Pinout
ISL6322 (48 LD QFN)
TOP VIEW
Ordering Information
PART
NUMBER*
(Note)
PART
MARKING
TEMP.
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL6322CRZ ISL6322CRZ
0 to 70
48 Ld 7x7 QFN
L48.7x7
ISL6322IRZ
ISL6322IRZ
-40 to 85 48 Ld 7x7 QFN
L48.7x7
*Add “-T” suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
VID4
VID3
VID2
VID1
VID0
VRSEL
SCL
SDA
SS/RST/A0
VCC
1
48
2
3
4
5
6
7
8
9
10
36
35
34
33
32
31
30
29
28
27
47
46
45
44
43
42
41
40
39
13
14
15
16
17
18
19
20
21
22
EN
ISEN1+
ISEN1-
PHASE1
UGATE1
BOOT1
LGATE1
PVCC1_2
LGATE2
BOOT2
49
GND
23
24
REF
OFS
11
12
38
37
26
25
UGATE2
PHASE2
ISL6322
ISL6322
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
CS5302Two−Phase Buck Controller with Integrated Gate Drivers and 4−Bit DAC 1 2 3 4 5 MoreON Semiconductor
CS5308Two−Phase PWM Controller with Integrated Gate Drivers for VRM 8.5 1 2 3 4 5 MoreON Semiconductor
CS5332Two−Phase Buck Controller with Integrated Gate Drivers for VRM 9.0 1 2 3 4 5 MoreON Semiconductor
CS5303Three−Phase Buck Controller with Integrated Gate Drivers 1 2 3 4 5 MoreON Semiconductor
NCP3418BMOSFET Driver with Dual Outputs for Synchronous Buck Converters 1 2 3 4 5 MoreON Semiconductor
NCP3488MOSFET Driver with Dual Outputs for Synchronous Buck Converters 1 2 3 4 5 MoreON Semiconductor
ADA4411-3Integrated Triple Video Filter and Buffer with Selectable Cutoff Frequencies and Multiplexed Inputs for RGB HD/SD 1 2 3 4 5 MoreAnalog Devices
ADP1822PWM Step-Down DC-to-DC Controller with Margining and Tracking 1 2 3 4 5 MoreAnalog Devices
IP4770CZ16VGA/video interface with integrated buffers ESD protection and integrated termination resistors 1 2 3 4 5 MoreNXP Semiconductors
NCP52103-in-1 PWM Dual Buck and Linear DDR Power Controller 1 2 3 4 5 MoreON Semiconductor