Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HCPL-0560 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard) |
|
HCPL-0560 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard) |
5 / 16 page 5 Recommended Operating Conditions Parameter Symbol Min. Max. Units Power Supply Voltage VCC1, VCC2 4.5 18 V Forward Input Current (ON) IF(ON) 12 16 mA Forward Input Voltage (OFF) VF(OFF) 0 0.8 V Operating Temperature TA 070 ˚C Absolute Maximum Ratings (No Derating Required up to +85˚C.) Parameter Symbol Min. Max. Units Note Storage Temperature TS –55 125 ˚C Operating Temperature TA –55 100 ˚C Average Forward Input Current* IF(AVG) 25 mA Peak Forward Input Current* IFPK 50 mA (50% duty cycle, 1 ms pulse width) Peak Transient Input Current* IF(TRAN) 1A (< 1 µs pulse width, 300 pps) Reverse Input Voltage* VR 5V Output Current* IO 16 mA Supply Voltage VCC1, VCC2 –0.5 30 V Output Voltage V01, V02 –0.5 20 V Input Power Dissipation* PI 45 mW 2 Output Power Dissipation* PO 35 mW 1 Total Power Dissipation PT 160 mW Reflow Temperature Profile See Package Outline Drawing section. *Each Channel. |
Número de pieza similar - HCPL-0560 |
|
Descripción similar - HCPL-0560 |