|
| TPA5050 |
|
||
|
TI |
|
6 page
www.ti.com LRCK (2)I2SDataFormat;L-Channel=LOW,R-Channel=HIGH MSB LSB 1/fS (= 32fS,48fS, or64fS) 18-BitRight-Justified,BCK=48f S or64fS 1/fS (1) Right-JustifiedDataFormat;L-Channel=HIGH,R-Channel=LOW (3)Left-JustifiedDataFormat;L-Channel=HIGH,R-Channel=LOW MSB LSB 20-Bit Right-Justified,BCK=48f S or64fS MSB LSB 24-BitRight-Justified,BCK=48f S or64fS 1/fS (=32fS,48fS, or64fS) (=32fS,48fS, or64fS) MSB LSB 16-BitRight-Justified,BCK=32f S 16-BitRight-Justified,BCK=48f S or64fS MSB LSB L-Channel R-Channel BCK DATA 14 15 16 1 2 3 14 15 16 14 15 16 1 2 3 14 15 16 16 17 18 DATA DATA DATA DATA 1 2 3 16 17 18 18 19 20 1 2 3 18 19 20 22 23 24 1 2 3 MSB LSB MSB LSB MSB LSB MSB LSB 1 2 3 14 15 16 1 2 3 14 15 16 1 2 3 16 17 18 1 2 3 18 19 20 22 23 24 MSB LSB 1 2 3 22 23 24 L-Channel R-Channel LRCK BCK DATA 1 2 3 1 2 MSB N–2 N N–1 LSB 1 2 3 MSB N–2 N N–1 LSB L-Channel R-Channel LRCK BCK DATA 1 2 3 N–2 N N–1 1 2 3 N–2 N N–1 1 2 MSB LSB LSB MSB SLOS492A – MAY 2006 – REVISED MAY 2006 APPLICATION INFORMATION (continued) Figure 4. Audio Data Formats 6 |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| TPA5051 | FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL | 1 2 3 4 5 More | Texas Instruments |
| TPA6130A2 | 138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL | 1 2 3 4 5 More | Texas Instruments |
| ZXCW8100S28 | 32 BIT STEREO DIRECT DRIVE DIGITAL AUDIO AMPLIFIER | 1 2 3 4 5 More | Zetex Semiconductors |
| NCP9002 | 1.3 Watt Audio Power Amplifier with Fast Turn On Time | 1 2 3 4 5 More | ON Semiconductor |
| AD5627R | Dual 12-/14-/16-Bit nanoDACs with 5ppm/C On-Chip Ref I2C Interface | 1 2 3 4 5 More | Analog Devices |
| NUF2070MN | 2 Line Audio EMI Filter with ESD Protection | 1 2 3 4 | ON Semiconductor |
| CS4525 | 30 W Digital TV Amplifier with Integrated ADC | 1 2 3 4 5 More | Cirrus Logic |
| NUF2114MN | 2 Line Audio EMI Filter with ESD Protection | 1 2 3 4 | ON Semiconductor |
| CS4961XX | New Audio System Processors are Ideal for Digital Audio Networking Applications | 1 2 | Cirrus Logic |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |