Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK3516-01S Datasheet(PDF) 1 Page - Fuji Electric

No. de pieza 2SK3516-01S
Descripción Electrónicos  N-CHANNEL SILICON POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUJI [Fuji Electric]
Página de inicio  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SK3516-01S Datasheet(HTML) 1 Page - Fuji Electric

  2SK3516-01S Datasheet HTML 1Page - Fuji Electric 2SK3516-01S Datasheet HTML 2Page - Fuji Electric 2SK3516-01S Datasheet HTML 3Page - Fuji Electric 2SK3516-01S Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
P4
Item
Symbol
Ratings
Unit
Drain-source voltage
VDS
450
Continuous drain current
ID
±8
Pulsed drain current
ID(puls]
±32
Gate-source voltage
VGS
±30
Repetitive or non-repetitive
IAR
*2
8
Maximum Avalanche Energy
EAS
*1
193
Maximum Drain-Source dV/dt
dVDS/dt *4
20
Peak Diode Recovery dV/dt
dV/dt
*3
5
Max. power dissipation
PD
Ta=25°C
1.67
Tc=25°C
65
Operating and storage
Tch
+150
temperature range
Tstg
Electrical characteristics (Tc =25°C unless otherwise specified)
Thermalcharacteristics
2SK3516-01L,S,SJ
FUJI POWER MOSFET
N-CHANNEL SILICON POWER MOSFET
Features
High speed switching
Low on-resistance
No secondary breadown
Low driving power
Avalanche-proof
Applications
Switching regulators
UPS (Uninterruptible Power Supply)
DC-DC converters
Maximum ratings and characteristicAbsolute maximum ratings
(Tc=25°C unless otherwise specified)
Item
Symbol
Test Conditions
Zero gate voltage drain current
IDSS
VDS=450V VGS=0V
VDS=360V VGS=0V
VGS=±30V
ID=4A
VGS=10V
ID=4A
VDS=25V
VCC=300V ID=4A
VGS=10V
RGS=10
Min.
Typ.
Max.
Units
V
V
µA
nA
S
pF
nC
A
V
µs
µC
ns
Min.
Typ.
Max.
Units
Thermal resistance
Rth(ch-c)
channel to case
Rth(ch-a)
channel to ambient
1.92
75.0
°C/W
°C/W
Symbol
V(BR)DSS
VGS(th)
IGSS
RDS(on)
gfs
Ciss
Coss
Crss
td(on)
tr
td(off)
tf
QG
QGS
QGD
IAV
VSD
trr
Qrr
Item
Drain-source breakdown voltaget
Gate threshold voltage
Gate-source leakage current
Drain-source on-state resistance
Forward transcondutance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on time ton
Turn-off time toff
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Avalanche capability
Diode forward on-voltage
Reverse recovery time
Reverse recovery charge
Test Conditions
ID= 250µA
VGS=0V
ID= 250µA
VDS=VGS
Tch=25°C
Tch=125°C
VDS=0V
VDS=25V
VGS=0V
f=1MHz
VCC=225V
ID=8A
VGS=10V
L=5.53mH Tch=25°C
IF=8A VGS=0V Tch=25°C
IF=8A VGS=0V
-di/dt=100A/µs
Tch=25°C
V
A
A
V
A
mJ
kV/µs
kV/µs
W
°C
°C
450
3.0
5.0
25
250
10
100
0.50
0.65
48
800
1200
120
150
4.5
7
15
23
12
18
25
38
711
22
33
9.5
14.5
6.5
10
8
1.00
1.50
0.7
3.5
-55 to +150
Outline Drawings
Equivalent circuit schematic
Gate(G)
Source(S)
Drain(D)
Super FAP-G Series
*3 IF -ID, -di/dt=50A/µs, Vcc BVDSS, Tch 150°C
=
<
=
<
=
<
*1 L=5.53mH, Vcc=45V
*2 Tch 150°C
=
<
*4 VDS 450V
<
=


Número de pieza similar - 2SK3516-01S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
2SK351 ISC-2SK351 Datasheet
343Kb / 2P
   isc N-Channel MOSFET Transistor
logo
NEC
2SK3510 NEC-2SK3510 Datasheet
87Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
logo
Guangdong Kexin Industr...
2SK3510 KEXIN-2SK3510 Datasheet
44Kb / 1P
   MOS Field Effect Transistor
logo
Inchange Semiconductor ...
2SK3510 ISC-2SK3510 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3510 RENESAS-2SK3510 Datasheet
227Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
More results

Descripción similar - 2SK3516-01S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
2SK3597-01 SANYO-2SK3597-01 Datasheet
110Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
2SK3685-01 SANYO-2SK3685-01 Datasheet
109Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
logo
Fuji Electric
2SK1553-01MR FUJI-2SK1553-01MR Datasheet
70Kb / 2P
   N-CHANNEL SILICON POWER MOSFET
2SK1008-01 FUJI-2SK1008-01 Datasheet
130Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1014-01 FUJI-2SK1014-01 Datasheet
134Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1019 FUJI-2SK1019 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK1020 FUJI-2SK1020 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK949-MR FUJI-2SK949-MR Datasheet
132Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
logo
Panasonic Semiconductor
2SK3268 PANASONIC-2SK3268 Datasheet
71Kb / 2P
   Silicon N-channel power MOSFET
logo
Fuji Electric
2SK3526-01L FUJI-2SK3526-01L Datasheet
255Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK3581-01L FUJI-2SK3581-01L Datasheet
254Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com