Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ISL12028IB30AZ Datasheet(PDF) 6 Page - Intersil Corporation |
|
ISL12028IB30AZ Datasheet(HTML) 6 Page - Intersil Corporation |
6 / 28 page 6 FN8233.5 October 18, 2006 tIN Pulse width Suppression Time at SDA and SCL Inputs Any pulse narrower than the max spec is suppressed. 50 ns tAA SCL Falling Edge to SDA Output Data Valid SCL falling edge crossing 30% of VDD, until SDA exits the 30% to 70% of VDD window. 900 ns tBUF Time the bus must be free before the start of a new transmission SDA crossing 70% of VDD during a STOP condition, to SDA crossing 70% of VDD during the following START condition. 1300 ns tLOW Clock LOW Time Measured at the 30% of VDD crossing. 1300 ns tHIGH Clock HIGH Time Measured at the 70% of VDD crossing. 600 ns tSU:STA START Condition Setup Time SCL rising edge to SDA falling edge. Both crossing 70% of VDD. 600 ns tHD:STA START Condition Hold Time From SDA falling edge crossing 30% of VDD to SCL falling edge crossing 70% of VDD. 600 ns tSU:DAT Input Data Setup Time From SDA exiting the 30% to 70% of VDD window, to SCL rising edge crossing 30% of VDD 100 ns tHD:DAT Input Data Hold Time From SCL falling edge crossing 70% of VDD to SDA entering the 30% to 70% of VDD window. 0ns tSU:STO STOP Condition Setup Time From SCL rising edge crossing 70% of VDD, to SDA rising edge crossing 30% of VDD. 600 ns tHD:STO STOP Condition Hold Time for Read, or Volatile Only Write From SDA rising edge to SCL falling edge. Both crossing 70% of VDD. 600 ns tDH Output Data Hold Time From SCL falling edge crossing 30% of VDD, until SDA enters the 30% to 70% of VDD window. 0ns tR SDA and SCL Rise Time From 30% to 70% of VDD 20 + 0.1 x Cb 250 ns tF SDA and SCL Fall Time From 70% to 30% of VDD 20 + 0.1 x Cb 250 ns Cb Capacitive Loading of SDA or SCL Total on-chip and off-chip 10 400 pF Cpin SDA, and SCL Pin Capacitance 10 pF tWC Non-volatile Write Cycle Time 12 20 ms 10 NOTES: 3. IRQ/FOUT Inactive (no frequency output and no alarms). 4. VIL = VDD x 0.1, VIH = VDD x 0.9, fSCL = 400kHz. 5. VRESET = 2.63V (VDD must be greater than VRESET), VBAT = 0V. 6. Bit BSW = 0 (Standard Mode), VBAT ≥ 1.8V. 7. Specified at +25°C. 8. In order to ensure proper timekeeping, the VDD SR- specification must be followed. 9. Parameter is not 100% tested. 10. tWC is the minimum cycle time to be allowed for any non-volatile Write by the user, it is the time from valid STOP condition at the end of Write sequence of a serial interface Write operation, to the end of the self-timed internal non-volatile write cycle. Serial Interface (I2C) Specifications (Continued) SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS NOTES ISL12028 |
Número de pieza similar - ISL12028IB30AZ |
|
Descripción similar - ISL12028IB30AZ |