Nombre de pieza
         Descripción
NCV2901

 Single Supply Quad Comparators ( 10 Page)


ONSEMI
100% 
Zoom Out Zoom In
 
 4 page
background image
LM339, LM239, LM2901, LM2901V, NCV2901, MC3302
http://onsemi.com
4
PERFORMANCE CHARACTERISTICS (VCC = +5.0 Vdc, TA = Tlow to Thigh [Note 6])
LM239/339
LM2901/2901V/
NCV2901
MC3302
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage (Note 7)
VIO
±9.0
±15
±40
mVdc
Input Bias Current (Notes 7, 8)
IIB
400
500
1000
nA
(Output in Analog Range)
Input Offset Current (Note 7)
IIO
±150
±200
±300
nA
Input Common Mode Voltage Range
VICMR
0
VCC
−2.0
0
VCC
−2.0
0
VCC
−2.0
V
Saturation Voltage
Vsat
700
700
700
mV
VI(−) ≥ +1.0 Vdc, VI(+) = 0,
Isink ≤ 4.0 mA
Output Leakage Current
IOL
1.0
1.0
1.0
mA
VI(+) ≥ +1.0 Vdc, VI(−) = 0,
VO = 30 Vdc
Differential Input Voltage
VID
VCC
VCC
VCC
Vdc
All VI ≥ 0 Vdc
6. (LM239) Tlow = −25°C, Thigh = +85°
(LM339) Tlow = 0°C, Thigh = +70°C
(MC3302) Tlow = −40°C, Thigh = +85°C
(LM2901) Tlow = −40°C, Thigh = +105°
(LM2901V & NCV2901) Tlow = −40°C, Thigh = +125°C
NCV2901 is qualified for automotive use.
7. At the output switch point, VO ] 1.4 Vdc, RS ≤ 100 W 5.0 Vdc ≤ VCC ≤ 30 Vdc, with the inputs over the full common mode range (0 Vdc to
VCC −1.5 Vdc).
8. The bias current flows out of the inputs due to the PNP input stage. This current is virtually constant, independent of the output state.
9. The response time specified is for a 100 mV input step with 5.0 mV overdrive. For larger signals, 300 ns is typical.
Figure 2. Inverting Comparator
with Hysteresis
Figure 3. Noninverting Comparator
with Hysteresis
Vref =
VCC R1
Rref + R1
R2
[ R1 / / Rref
Amount of Hysteresis VH
VH =
R2
R2 + R3
[(VO(max) − VO(min)]
Vref [
VCC R1
Rref + R1
R3
] R1 / / Rref / / R2
VH =
R1 / / Rref
R1/ / Rref + R2
[VO(max) − VO(min)]
R2
Rref / / R1
+ VCC
Vin
Vref
+ VCC
+ VCC
Vin
Vref
Rref
Rref
+
+
VO
VO
10k
R1
R2
R3
10 k
1.0 M
R3
R2
1.0 M
10 k
R1
10 k
10 k
1  2  3  4  5  6  7  8  9  10 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
LMS202E15KV ESD Rated 5V Single Supply TIA/EIA-232 Dual Transceivers 1 2 3 4 5 MoreNational Semiconductor
NLAS9431Low Voltage Single Supply Dual DPDT Analog Switch 1 2 3 4 5 MoreON Semiconductor
NLAST9431Low Voltage Single Supply Dual DPDT Analog Switch 1 2 3 4 5 MoreON Semiconductor
PM-139Quad Low-Power Voltage Comparators 1 2 3 4 5 MoreAnalog Devices
AZ339LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LM2901HHigh Temperature Low Power Quad Voltage Comparators 1 2 3 4 5 MoreSTMicroelectronics
VSC7121Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays 1 2 3 4 5 MoreVitesse Semiconductor Corporation
AD5666Quad 16-Bit DAC with 5 ppm/C On-Chip Reference in 14-Lead TSSOP 1 2 3 4 5 MoreAnalog Devices
PEB22504Quad Line Interface Unit for E1⁄T1⁄J1 QuadLIU 1 2 3 4 5 MoreInfineon Technologies AG

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl