Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL12028IVZ-T Datasheet(PDF) 6 Page - Intersil Corporation

No. de pieza ISL12028IVZ-T
Descripción Electrónicos  Real Time Clock/Calendar with EEPROM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12028IVZ-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL12028IVZ-T Datasheet HTML 2Page - Intersil Corporation ISL12028IVZ-T Datasheet HTML 3Page - Intersil Corporation ISL12028IVZ-T Datasheet HTML 4Page - Intersil Corporation ISL12028IVZ-T Datasheet HTML 5Page - Intersil Corporation ISL12028IVZ-T Datasheet HTML 6Page - Intersil Corporation ISL12028IVZ-T Datasheet HTML 7Page - Intersil Corporation ISL12028IVZ-T Datasheet HTML 8Page - Intersil Corporation ISL12028IVZ-T Datasheet HTML 9Page - Intersil Corporation ISL12028IVZ-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
FN8233.5
October 18, 2006
tIN
Pulse width Suppression Time at
SDA and SCL Inputs
Any pulse narrower than the max
spec is suppressed.
50
ns
tAA
SCL Falling Edge to SDA Output
Data Valid
SCL falling edge crossing 30% of
VDD, until SDA exits the 30% to 70%
of VDD window.
900
ns
tBUF
Time the bus must be free before
the start of a new transmission
SDA crossing 70% of VDD during a
STOP condition, to SDA crossing
70% of VDD during the following
START condition.
1300
ns
tLOW
Clock LOW Time
Measured at the 30% of VDD
crossing.
1300
ns
tHIGH
Clock HIGH Time
Measured at the 70% of VDD
crossing.
600
ns
tSU:STA
START Condition Setup Time
SCL rising edge to SDA falling edge.
Both crossing 70% of VDD.
600
ns
tHD:STA
START Condition Hold Time
From SDA falling edge crossing 30%
of VDD to SCL falling edge crossing
70% of VDD.
600
ns
tSU:DAT
Input Data Setup Time
From SDA exiting the 30% to 70% of
VDD window, to SCL rising edge
crossing 30% of VDD
100
ns
tHD:DAT
Input Data Hold Time
From SCL falling edge crossing 70%
of VDD to SDA entering the 30% to
70% of VDD window.
0ns
tSU:STO
STOP Condition Setup Time
From SCL rising edge crossing 70%
of VDD, to SDA rising edge crossing
30% of VDD.
600
ns
tHD:STO
STOP Condition Hold Time for
Read, or Volatile Only Write
From SDA rising edge to SCL falling
edge. Both crossing 70% of VDD.
600
ns
tDH
Output Data Hold Time
From SCL falling edge crossing 30%
of VDD, until SDA enters the 30% to
70% of VDD window.
0ns
tR
SDA and SCL Rise Time
From 30% to 70% of VDD
20 +
0.1 x Cb
250
ns
tF
SDA and SCL Fall Time
From 70% to 30% of VDD
20 +
0.1 x Cb
250
ns
Cb
Capacitive Loading of SDA or SCL Total on-chip and off-chip
10
400
pF
Cpin
SDA, and SCL Pin Capacitance
10
pF
tWC
Non-volatile Write Cycle Time
12
20
ms
10
NOTES:
3. IRQ/FOUT Inactive (no frequency output and no alarms).
4. VIL = VDD x 0.1, VIH = VDD x 0.9, fSCL = 400kHz.
5. VRESET = 2.63V (VDD must be greater than VRESET), VBAT = 0V.
6. Bit BSW = 0 (Standard Mode), VBAT ≥ 1.8V.
7. Specified at +25°C.
8. In order to ensure proper timekeeping, the VDD SR- specification must be followed.
9. Parameter is not 100% tested.
10. tWC is the minimum cycle time to be allowed for any non-volatile Write by the user, it is the time from valid STOP condition at the end of Write
sequence of a serial interface Write operation, to the end of the self-timed internal non-volatile write cycle.
Serial Interface (I2C) Specifications (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
ISL12028


Número de pieza similar - ISL12028IVZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL12028IVZ INTERSIL-ISL12028IVZ Datasheet
586Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12028IVZ INTERSIL-ISL12028IVZ Datasheet
584Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12028IVZ RENESAS-ISL12028IVZ Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
More results

Descripción similar - ISL12028IVZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1240 XICOR-X1240 Datasheet
74Kb / 19P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027 Datasheet
414Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Renesas Technology Corp
ISL12027 RENESAS-ISL12027 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12026 INTERSIL-ISL12026 Datasheet
381Kb / 24P
   Real Time Clock/Calendar with EEPROM
ISL12029 INTERSIL-ISL12029 Datasheet
426Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1226 XICOR-X1226 Datasheet
420Kb / 24P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
X1226 INTERSIL-X1226_06 Datasheet
372Kb / 25P
   Real Time Clock/Calendar with EEPROM
X1226 INTERSIL-X1226 Datasheet
388Kb / 25P
   Real Time Clock/Calendar with EEPROM
X1243 INTERSIL-X1243 Datasheet
293Kb / 17P
   Real Time Clock/Calendar/Alarm with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com