Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DM05DA151JO3-RHTR02 Datasheet(PDF) 6 Page - Sharma Electro Components,Inc

No. de pieza DM05DA151JO3-RHTR02
Descripción Electrónicos  MICA CAPACITORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SHARMA [Sharma Electro Components,Inc]
Página de inicio  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

DM05DA151JO3-RHTR02 Datasheet(HTML) 6 Page - Sharma Electro Components,Inc

Back Button DM05DA151JO3-RHTR02 Datasheet HTML 2Page - Sharma Electro Components,Inc DM05DA151JO3-RHTR02 Datasheet HTML 3Page - Sharma Electro Components,Inc DM05DA151JO3-RHTR02 Datasheet HTML 4Page - Sharma Electro Components,Inc DM05DA151JO3-RHTR02 Datasheet HTML 5Page - Sharma Electro Components,Inc DM05DA151JO3-RHTR02 Datasheet HTML 6Page - Sharma Electro Components,Inc DM05DA151JO3-RHTR02 Datasheet HTML 7Page - Sharma Electro Components,Inc DM05DA151JO3-RHTR02 Datasheet HTML 8Page - Sharma Electro Components,Inc DM05DA151JO3-RHTR02 Datasheet HTML 9Page - Sharma Electro Components,Inc DM05DA151JO3-RHTR02 Datasheet HTML 10Page - Sharma Electro Components,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
DM SERIES
INTRODUCTION
S
HARMA Mica capacitors have been designed to meet the exacting physical, electrical & environmental
requirements of the MIL-C-5 and RS-153 specifications. Careful selection of raw materials, starting with the
finest available grade of India Ruby Mica, and the constant monitoring of all equipment and processes,
provides an overall uniform level of quality consistent with today's most sophisticated electronic equipment.
Ideal for Tuning, Timing, Filtering and Coupling Circuits.
FEATURES
Low loss and high stability
Available in very close tolerances
Suitable for precision applications
Wide range of operating temperature
GENERAL SPECIFICATIONS
CAPACITANCE RANGE: 1 pF to 82,000 pF VOLTAGE RATING: 50 V DC to 500 V DC (Higher voltage capacitors can also be custom
made) TEMPERATE RATING: - 40 to + 150 °C CASE SIZES: DM 05 to DM 42 INSULATION RESISTANCE: 100,000 M Ohms minimum at
25°C for capacitance up to 10,000 pF. Please refer to characteristic curve for values above the range. DISSIPATION FACTOR < 0.1% at
1 M Hz for values between 100 to 1,000 pF <0.2 at 1K Hz for values above 1,000 pF. Please refer to characteristic curve for values above
the range.
LIFE TEST DETAILS:
Capacitors shall withstand 1.5 times the rated DC voltage at 125 °C for 2000 hours. After the test:
1.
Capacitance change shall not exceed 1% of the initial value or 1 pF, which ever is greater.
2.
Dissipation Factor shall be within 1.5 times the original limits.
3.
Insulation Resistance shall meet the initial specified requirements.
4.
There shall be no remarkable change in the appearance and the marking shall remain legible.
Dimension
CASE CODE
DM05
DM10
DM12
DM15
DM19
DM20
DM30
DM42
B
3.05
3.57
5.00
5.95
8.73
11.11
11.11
26.99
± 0.8
± 0.8
± 0.8
± 0.8
± 0.8
± 0.8
± 0.8
± 0.8
C
0.40
0.40
0.50
0.60
0.80
0.80
1.00
1.00
Dimension
CASE CODE
DM05
DM10
DM12
DM15
DM19
DM20
DM30
DM42
B
0.120
0.141
0.197
0.234
0.344
0.438
0.438
1.063
± 0.031
± 0.031
± 0.031
± 0.031
± 0.031
± 0.031
± 0.031
± 0.031
C
0.016
0.016
0.020
0.025
0.032
0.032
0.04
0.04
#26
#26
#24
#22
#20
#20
#18
#18
Case
Capacitance Range in pF
Equivalent
Size
Standard
MIL
MIL Series
DM05
1 to 390
-
None
DM10
1 to 820
1 to 390
CM 04
DM12
1 to 2,500
-
None
DM15
1 to 2,500
1 to 390
CM 05
DM19
100 to 8,200
430 to 4,700
CM 06
DM20
680 to 12,000
-
None
DM30
5,100 to 20,000
5,100 to 20,000
CM 07
DM42
16,000 to 82,000
-
None
LEAD DIMENSIONS IN INCHES
LEAD DIMENSIONS IN MILLIMETERS
CASE SIZE Vs. CAPACITANCE RANGE
LL" = 1.25" min.
Dimension "R" = 0.078" max. for DM 05 TO DM 15 and 0.125"max. for DM 19 to DM 42
LL" = 30 mm min.
Dimension "R" = 2.0 mm max. for DM 05 TO DM 15 and 3.2 mm max. for DM 19 to DM 42
DIMENSIONS:
LL = 31.75 mm (1.25”) min.
Sharma Mica Capacitors
Page 6
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


Número de pieza similar - DM05DA151JO3-RHTR02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sharma Electro Componen...
DM05DA151JO3-SA-R02 SHARMA-DM05DA151JO3-SA-R02 Datasheet
192Kb / 17P
   MICA CAPACITORS
DM05DA151JO3-ST-R02 SHARMA-DM05DA151JO3-ST-R02 Datasheet
192Kb / 17P
   MICA CAPACITORS
More results

Descripción similar - DM05DA151JO3-RHTR02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sharma Electro Componen...
DM19 SHARMA-DM19 Datasheet
253Kb / 1P
   Mica Capacitors
DM30 SHARMA-DM30 Datasheet
250Kb / 1P
   Mica Capacitors
DM10 SHARMA-DM10 Datasheet
261Kb / 2P
   Mica Capacitors
DM42 SHARMA-DM42 Datasheet
253Kb / 1P
   Mica Capacitors
DM20 SHARMA-DM20 Datasheet
253Kb / 1P
   Mica Capacitors
DM05 SHARMA-DM05 Datasheet
192Kb / 17P
   MICA CAPACITORS
DM12 SHARMA-DM12 Datasheet
252Kb / 1P
   Mica Capacitors
DM15 SHARMA-DM15 Datasheet
253Kb / 1P
   Mica Capacitors
logo
Cornell Dubilier Electr...
CD10CD010DO3F CDE-CD10CD010DO3F Datasheet
292Kb / 6P
   Mica Capacitors, Standard Dipped
CMR03E220DOYR CDE-CMR03E220DOYR Datasheet
888Kb / 5P
   HIGH - RELIABILITY, MICA CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com